Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 121 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 121 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 117Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 118Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 119Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 120Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 121Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 122Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 123Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 124Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 125Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 234 page
background image
Automotive analog & logic ICs
Type number
Description
Features
Package (suffix)
74VHCT02-Q100
Quad 2-input NOR gate; TTL-enabled
4.5 - 5.5
± 8
3.8
-40 to 125
•
•
•
74VHCT08-Q100
Quad 2-input AND gate; TTL-enabled
4.5 - 5.5
± 8
5.0
-40 to 125
•
•
•
74VHC32-Q100
Quad 2-input OR gate
2.0 - 5.5
± 8
3.5
-40 to 125
•
•
74VHCT32-Q100
Quad 2-input OR gate; TTL-enabled
4.5 - 5.5
± 8
5.0
-40 to 125
•
•
•
HEF4001B-Q100
Quad 2-input NOR gate
3.0 - 15
± 2.4
20
-40 to 85
•
HEF4011B-Q100
Quad 2-input NAND gate
3.0 - 15
± 2.4
20
-40 to 85
•
HEF4030B-Q100
Quad 2-input EXCLUSIVE-OR gate
3.0 - 15
± 2.4
30
-40 to 85
•
HEF4070B-Q100
Quad 2-input EXCLUSIVE-OR gate
3.0 - 15
± 2.4
30
-40 to 85
•
HEF4081B-Q100
Quad 2-input AND gate
3.0 - 15
± 2.4
20
-40 to 85
•
HEF4082B-Q100
Dual 4-input AND gate
3.0 - 15
± 2.4
25
-40 to 85
•
Latches/Registered drivers
Type number
Description
Features
Package (suffix)
74AHC573-Q100
Octal D-type transparent latch (3-state)
2.0 - 5.5
± 8
4.2
-40 to 125
•
•
•
74AHCT573-Q100
Octal D-type transparent latch; TTL-enabled (3-state)
4.5 - 5.5
± 8
3.9
-40 to 125
•
•
•
74HC259-Q100
8 bit addressable latch
2.0 - 6.0
± 5.2
18
-40 to 125
•
•
•
74HCT259-Q100
8 bit addressable latch; TTL-enabled
4.5 - 5.5
± 4
20
-40 to 125
•
•
•
74HC373-Q100
Octal D-type transparent latch (3-state)
2.0 - 6.0
± 7.8
12
-40 to 125
•
•
•
74HCT373-Q100
Octal D-type transparent latch; TTL-enabled (3-state)
4.5 - 5.5
± 6
14
-40 to 125
•
•
•
74HC573-Q100
Octal D-type transparent latch (3-state)
2.0 - 6.0
± 7.8
14
-40 to 125
•
•
•
74HCT573-Q100
Octal D-type transparent latch; TTL-enabled (3-state)
4.5 - 5.5
± 6
17
-40 to 125
•
•
•
74LVC373A-Q100
Octal D-type transparent latch (3-state)
1.2 - 3.6
± 24
3.0
-40 to 125
•
•
•
74LVC16373A-Q100
16-bit D-type transparent latch (3-state)
1.2 - 3.6
± 24
2.4
-40 to 125
•
•
74LVCH16373A-Q100
16-bit D-type transparent latch with bushold (3-state)
1.2 - 3.6
± 24
2.4
-40 to 125
•
•
HEF4043B-Q100
Quad R/S latch with set and reset (3-state)
3.0 - 15
± 2.4
25
-40 to 85
•
Gates
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com