Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 136 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 136 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 132Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 133Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 134Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 135Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 136Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 137Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 138Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 139Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 140Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 234 page
background image
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
Output
Load
CL (pF)
t
pd (ns)
f
max
(MHz)
T
amb (°C)
74AHCT2G126
Dual buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.4
60
-40 to 125
74AHCT2G241
Dual buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.4
60
-40 to 125
74AHCT3G04
Triple inverter; TTL-enabled
4.5 - 5.5
TTL
±8
50
3.0
60
-40 to 125
74AHCT3G14
Triple inverter; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
50
4.1
60
-40 to 125
74AHCT541
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.5
60
-40 to 125
74AHCT541A
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
15
3.5
60
-40 to 125
74AHCU04
Hex inverter; unbuffered
2.0 - 5.5
CMOS
±8
50
2.4
60
-40 to 125
74AHCV05A
Hex inverter; Schmitt trigger; open-drain
2.0 - 5.5
CMOS
± 16
15
8.5
10
-40 to 125
74AHCV07A
Hex buffer; Schmitt-trigger; open-drain
1.8 - 5.5
CMOS
16
15
3.8
60
-40 to 125
74AHCV14A
Hex inverter; Schmitt-trigger
1.8 - 5.5
CMOS
±16
15
3.2
60
-40 to 125
74AHCV17A
Hex buffer; Schmitt-trigger
1.8 - 5.5
CMOS
±16
15
3.2
60
-40 to 125
74AHCV244A
Octal buffer/line driver; Schmitt-trigger (3-state)
1.8 - 5.5
CMOS
±16
15
3.0
60
-40 to 125
74AHCV541A
Octal buffer/line driver; Schmitt-trigger (3-state)
1.8 - 5.5
CMOS
±16
15
3.0
60
-40 to 125
74ALVC04
Hex inverter
1.65 - 3.6
TTL
±24
30
2.0
150
-40 to 85
74ALVC125
Quad buffer/line driver (3-state)
1.65 - 3.6
TTL
±24
30
1.8
145
-40 to 85
74ALVC14
Hex inverter; Schmitt-trigger
1.65 - 3.6
TTL
±24
30
2.4
150
-40 to 85
74ALVC16244
16-bit buffer/line driver (3-state)
1.2 - 3.6
TTL
±24
50
1.9
150
-40 to 85
74ALVC244
Octal buffer/line driver (3-state)
1.65 - 3.6
TTL
±24
30
2.9
130
-40 to 85
74ALVC541
Octal buffer/line driver (3-state)
1.65 - 3.6
TTL
±24
30
2.3
130
-40 to 85
74ALVCH162244
16-bit buffer/line driver with bus hold and 30 Ω
termination resistors (3-state)
2.3 - 3.6
TTL
±12
30
2.7
150
-40 to 85
74ALVCH16244
16-bit buffer/line driver with bus hold (3-state)
1.2 - 3.6
TTL
±24
30
1.9
150
-40 to 85
74ALVCH162827
20-bit buffer/line driver with bus hold and 30 Ω
termination resistors (3-state)
2.3 - 3.6
TTL
±12
30
2.9
150
-40 to 85
74ALVCH16825
18-bit buffer/line driver with bus hold (3-state)
2.3 - 3.6
TTL
±24
30
2.0
150
-40 to 85
74ALVCH16827
20-bit buffer/line driver with bus hold (3-state)
2.3 - 3.6
TTL
±24
30
2.0
150
-40 to 85
74ALVT16244
16-bit buffer/line driver with bus hold (3-state)
2.3 - 3.6
LVTTL
-32 / 64
50
1.5
200
-40 to 85
74ALVT162827
20-bit buffer/line driver with bus hold and 30 Ω
termination resistors (3-state)
2.3 - 3.6
LVTTL
±12
50
2.2
75
-40 to 85
74ALVT16827
20-bit buffer/line driver with bus hold (3-state)
2.3 - 3.6
LVTTL
-32 / 64
50
1.3
200
-40 to 85
74AUP1G04
Single inverter
1.1 - 3.6
CMOS
±1.9
30
4.0
70
-40 to 125
74AUP1G06
Single inverter; open drain
1.1 - 3.6
CMOS
1.9
30
4.5
70
-40 to 125
74AUP1G07
Single buffer; open drain
1.1 - 3.6
CMOS
1.9
30
4.4
70
-40 to 125
74AUP1G125
Single buffer/line driver (3-state)
1.1 - 3.6
CMOS
±1.9
30
4.3
70
-40 to 125
74AUP1G126
Single buffer/line driver (3-state)
1.1 - 3.6
CMOS
±1.9
30
4.3
70
-40 to 125
74AUP1G14
Single inverter; Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
30
4.7
70
-40 to 125
74AUP1G16
Single buffer
1.1 - 3.6
CMOS
±1.9
30
4.7
70
-40 to 125
74AUP1G240
Single inverter/line driver (3-state)
1.1 - 3.6
CMOS
±1.9
30
4.2
70
-40 to 125
74AUP1G34
Single buffer
1.1 - 3.6
CMOS
±1.9
30
3.9
70
-40 to 125
74AUP1GU04
Single inverter; unbuffered
1.1 - 3.6
CMOS
±1.9
30
2.3
70
-40 to 125
74AUP1T04
Single supply voltage-translating inverter
2.3 - 3.6
CMOS
±4
15
3.9
70
-40 to 125
74AUP1T14
Single supply voltage-translating inverter
2.3 - 3.6
CMOS
±4
15
3.6
70
-40 to 125
74AUP1T17
Single supply voltage-translating buffer
2.3 - 3.6
CMOS
±4
15
3.6
70
-40 to 125
74AUP1T50
Single supply voltage-translating buffer
2.3 - 3.6
CMOS
±4
15
3.6
70
-40 to 125
74AUP2G04
Dual inverter
1.1 - 3.6
CMOS
±1.9
30
4.0
70
-40 to 125
74AUP2G06
Dual inverter; open drain
1.1 - 3.6
CMOS
1.9
30
4.5
70
-40 to 125
Buffers/Inverters/Drivers
Types in
bold represent new products
Asynchronous interface analog & logic ICs
Nexperia selection guide 2020
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com