Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 45Page - STMicroelectronics L99PM60J Datasheet HTML 46Page - STMicroelectronics L99PM60J Datasheet HTML 47Page - STMicroelectronics L99PM60J Datasheet HTML 48Page - STMicroelectronics L99PM60J Datasheet HTML 49Page - STMicroelectronics L99PM60J Datasheet HTML 50Page - STMicroelectronics L99PM60J Datasheet HTML 51Page - STMicroelectronics L99PM60J Datasheet HTML 52Page - STMicroelectronics L99PM60J Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
L99PM60J
ST SPI
Doc ID 18309 Rev 6
49/75
7.1.5
Configuration register
The <Configuration> register is accessible at RAM address 3FH.
The Configuration Register is implemented for compliance purpose to ST SPI Standard.
<WD Trigger>: this Bit is reserved to serve the watchdog.
10
1
000
1
0
A2
VS overvoltage or VS undervoltage
10
1
000
0
1
A1
WD failure
1
0
1
0
0
0
0
1
A1
SPI error (DI stuck)
10
1
110
0
1
B9
TSD2
10
1
001
0
0
A4
V1 fail
10
1
000
0
0
A0
Other device failure(1)
1.
The Global Error Flag is raised due to a failure condition which is not reported in the Global Status
Register. The Failure is reported in the Status Registers 1 – 4.
Table 37.
Detailed global status register (continued)
Bit 7 Bit 6
Bit 5
Bit 4 Bit 3 Bit 2
Bit 1
Bit 0
Hex.
L99PM60J
Table 38.
Configuration register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
00
0
0
0
WD trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com