Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 37Page - STMicroelectronics L99PM60J Datasheet HTML 38Page - STMicroelectronics L99PM60J Datasheet HTML 39Page - STMicroelectronics L99PM60J Datasheet HTML 40Page - STMicroelectronics L99PM60J Datasheet HTML 41Page - STMicroelectronics L99PM60J Datasheet HTML 42Page - STMicroelectronics L99PM60J Datasheet HTML 43Page - STMicroelectronics L99PM60J Datasheet HTML 44Page - STMicroelectronics L99PM60J Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
L99PM60J
Electrical specifications
Doc ID 18309 Rev 6
41/75
Input CSN for Flash mode
6V
≤ V
S
≤ 18 V, 4.5 V ≤ V
1
≤ 5.3 V; T
j = -40 °C to 130 °C; voltages are referred to GND, all
outputs open
Inputs: CLK, DI
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin.
6V < VS < 18 V; 4.8 V < V1 < 5.2 V; all outputs open; Tj = -40°C to 130°C, unless
otherwise specified.
Table 26.
Input: CSN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCSNLOW
Input voltage low level
Normal mode; V1 = 5 V
0.8
1.9
2.5
V
VCSNHIGH
Input voltage high level
Normal mode; V1 = 5 V
1.5
2.9
3.5
V
VCSNHYS
VCSNHIGH – VCSNLOW Normal mode; V1 = 5 V
0.5
1.0
1.5
V
ICSNPU
CSN pull up resistor
Normal mode; V1 =5 V
10
20
35
k
Ω
ICSNPD
CSN pull-down current
Test mode, VIN = 10 V
480
µA
Table 27.
Input CSN for Flash mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VflashL
Input level VCSN exit Flash
mode)
V1 = 5 V
6.1
7.25
8.4
V
VflashH
Input level VCSN entering
Flash mode
V1 = 5 V
7.4
8.4
9.4
V
VflashHYS
Input voltage hysteresis
V1 = 5 V
0.6
0.8
1.0
V
Table 28.
Inputs: CLK, DI
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tset
Delay time from standby to
active mode
Switching from standby to
active mode. Time until output
drivers are enabled after CSN
going to high.
160
300
us
Vin L
Input low level
V1 = 5 V
1.0
2.3
2.9
V
Vin H
Input high level
V1 = 5 V
1.5
2.8
3.8
V
Vin Hyst Input hysteresis
V1 = 5 V
0.4
0.75
1.5
V
I in
Pull down current at input
VIN = 1.5 V
5
30
60
µA
Cin
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Input capacitance at input
CSN, CLK, DI and PWM1,2
0V < V1 < 5.2 V
10
15
pF
fCLK
SPI input frequency at CLK
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com