Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 4Page - STMicroelectronics L99PM60J Datasheet HTML 5Page - STMicroelectronics L99PM60J Datasheet HTML 6Page - STMicroelectronics L99PM60J Datasheet HTML 7Page - STMicroelectronics L99PM60J Datasheet HTML 8Page - STMicroelectronics L99PM60J Datasheet HTML 9Page - STMicroelectronics L99PM60J Datasheet HTML 10Page - STMicroelectronics L99PM60J Datasheet HTML 11Page - STMicroelectronics L99PM60J Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
Block diagram and pin descriptions
L99PM60J
8/75
Doc ID 18309 Rev 6
1
Block diagram and pin descriptions
Figure 1.
block diagram
Table 2.
Pin descriptions and functions
Pin
Symbol
Function
1
GND
Ground
2
NRESET
NReset output to micro controller; Internal pull-up of typ. 100 K
Ω (reset
state = LOW)
3
DO
SPI: serial data output
4
DI
SPI: serial data input
5
V1
Voltage regulator 1 output: 5 V supply e.g. micro controller
6
CLK
SPI: serial clock input
7
RxD/NINT
Receiver output of the LIN 2.1 transceiver or interrupt:
8
DRV/VSM/TMP Direct drive for high-side drivers OUT1/2; VS and temperature monitoring
9
CSN
SPI: chip select not input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com