Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 35Page - STMicroelectronics L99PM60J Datasheet HTML 36Page - STMicroelectronics L99PM60J Datasheet HTML 37Page - STMicroelectronics L99PM60J Datasheet HTML 38Page - STMicroelectronics L99PM60J Datasheet HTML 39Page - STMicroelectronics L99PM60J Datasheet HTML 40Page - STMicroelectronics L99PM60J Datasheet HTML 41Page - STMicroelectronics L99PM60J Datasheet HTML 42Page - STMicroelectronics L99PM60J Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
L99PM60J
Electrical specifications
Doc ID 18309 Rev 6
39/75
Ibus_NO_GND
Input current if loss of
GND at device
GND = VS; 0 V < VLIN <18 V;
VBAT =12 V
-1
1
mA
Ibus
Input current if loss of Vbat
at device
GND = VS; 0 V < VLIN <18 V
100
µA
VLINdom
LIN voltage level in
dominant state
VTxD = VTxDlow; ILIN = 40 mA
1.2
V
VLINrec
LIN voltage level in
recessive state
VTxD = VTxDhigh; ILIN = 10 µA
0.8 Vs
V
RLINup
LIN output pull up resistor
VLIN =0 V
20
40
60
k
Ω
1.
Slave Mode
Table 23.
LIN transmitter and receiver: pin LIN (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 24.
LIN transceiver timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tRXpd
Receiver propagation
delay time
tRXpd =max(tRXpdr, tRXpdf);
tRXpdf = t(0.5 RXD) - t(0.45 VLIN);
tRXpdr = t(0.5 RXD) - t(0.55 VLIN);
CRXD =20pF; VS =12V;
Rbus =1 kΩ, Cbus =1 nF;
Rbus =660 kΩ, Cbus =6.8 nF;
Rbus =500 kΩ, Cbus =10 nF
6µs
tRXpd_sym
Symmetry of receiver
propagation delay time
(rising vs. falling edge)
tRXpd_sym = tRXpdr – tRXpdf
-2
2
µs
D1
Duty cycle 1
THRec(max) = 0.744 * VS;
THDom(max) = 0.581 * VS;
VS =7…18 V; tbit =50µs;
D1 = tbus_rec(min)/(2 x tbit)
Rbus =1 kΩ, Cbus =1 nF;
Rbus =660 kΩ, Cbus =6.8 nF;
Rbus =500 kΩ, Cbus =10 nF
0.396
D2
Duty Cycle 2
THRec(min) = 0.422 * VS;
THDom(min) = 0.284 * VS;
VS = 7.6 …18 V; tbit =50µs;
D1 = tbus_rec(max)/(2 x tbit)
Rbus =1 kΩ, Cbus =1 nF;
Rbus =660 kΩ, Cbus =6.8 nF;
Rbus =500 kΩ, Cbus =10 nF
0.581
D3
Duty Cycle 3
THRec(max) = 0.778 * VS;
THDom(max) = 0.616 * VS;
VS =7…18 V; tbit =96 µs;
D3 = tbus_rec(min)/(2 x tbit)
Rbus =1 kΩ, Cbus =1 nF;
Rbus =660 kΩ, Cbus =6.8 nF;
Rbus =500 kΩ, Cbus =10 nF
0.417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com