Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 27Page - STMicroelectronics L99PM60J Datasheet HTML 28Page - STMicroelectronics L99PM60J Datasheet HTML 29Page - STMicroelectronics L99PM60J Datasheet HTML 30Page - STMicroelectronics L99PM60J Datasheet HTML 31Page - STMicroelectronics L99PM60J Datasheet HTML 32Page - STMicroelectronics L99PM60J Datasheet HTML 33Page - STMicroelectronics L99PM60J Datasheet HTML 34Page - STMicroelectronics L99PM60J Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
L99PM60J
Electrical specifications
Doc ID 18309 Rev 6
31/75
6.3
Thermal data
Corner pins(5)
+/-750
V
All pins(6)
+/-200
V
1.
HBM (human body model, 100pF, 1.5 k
Ω) according to MIL 883C, Method 3015.7 or EIA/JESD22A114-A
2.
HBM with all none zapped pins grounded.
3.
Indirect ESD Test according to IEC 61000-4-2 (150 pF, 330
Ω) and ‘Hardware Requirements for LIN and
Flexray Interfaces in Automotive Applications’ (version 1.1, 2009-12-02)
4.
Direct ESD Test according to IEC 61000-4-2 (150 pF, 330
Ω) and ‘Hardware Requirements for LIN and
Flexray Interfaces in Automotive Applications’ (version 1.1, 2009-12-02); Cbus,LIN = 220 pF
5.
Charged device model
6.
Machine model: C = 200 pF; R = 0
Ω
Table 8.
ESD protection (continued)
Parameter
Value
Unit
Table 9.
Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 150
°C
RthjA
Thermal resistance junction / ambient
See Figure 26
°K/W
Table 10.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max.
Unit
TW ON
Thermal overtemperature warning
threshold
Tj
(1)
1.
Non-overlapping
120
130
140
°C
TSD1 OFF
Thermal shutdown junction
temperature 1
Tj
(1)
130
140
150
°C
TSD2OFF
Thermal shutdown junction
temperature 2
Tj
(1)
150
160
170
°C
TSD2 ON
Hysteresis
5
°C
TSD12hys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com