Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 57 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 53Page - STMicroelectronics L99PM60J Datasheet HTML 54Page - STMicroelectronics L99PM60J Datasheet HTML 55Page - STMicroelectronics L99PM60J Datasheet HTML 56Page - STMicroelectronics L99PM60J Datasheet HTML 57Page - STMicroelectronics L99PM60J Datasheet HTML 58Page - STMicroelectronics L99PM60J Datasheet HTML 59Page - STMicroelectronics L99PM60J Datasheet HTML 60Page - STMicroelectronics L99PM60J Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
L99PM60J
ST SPI
Doc ID 18309 Rev 6
57/75
Definition of the silicon version code:
The <SPI-frame-ID> (ROM address 3EH) provides information about the register width (1,
2, 3 bytes) and the availability of ‘Burst Mode Read’ and watchdog.
BR: Burst-Mode Read (1 = Burst-Mode Read is supported)
WD: Watchdog (1 = available, 0 = not available)
32-bit, 24-bit, 16-bit: width of SPI frame (see table below)
7.2
SPI registers
Overview command byte
Table 52.
Silicon version
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Silicon version
Table 53.
Silicon version code
Bit3
Bit 2
Bit 1
Bit 0
Silicon version
00
00
First Silicon
00
01
V2
00
10
V3
00
11
V4
01
00
V5
01
01
V6
01
10
V7
01
11
V8
1…
…
…
…
Table 54.
SPI-frame-ID
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BR
WD
X
X
X
32-bit
24-bit
16-bit
Table 55.
SPI register: command byte
Read/write
Address
xx
xxxx
xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com