Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 36Page - STMicroelectronics L99PM60J Datasheet HTML 37Page - STMicroelectronics L99PM60J Datasheet HTML 38Page - STMicroelectronics L99PM60J Datasheet HTML 39Page - STMicroelectronics L99PM60J Datasheet HTML 40Page - STMicroelectronics L99PM60J Datasheet HTML 41Page - STMicroelectronics L99PM60J Datasheet HTML 42Page - STMicroelectronics L99PM60J Datasheet HTML 43Page - STMicroelectronics L99PM60J Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
Electrical specifications
L99PM60J
40/75
Doc ID 18309 Rev 6
Figure 15.
LIN transmit, receive timing
6.4.11
SPI
Input: CSN
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin.
6V
≤ VS ≤ 18 V; 4.8 V ≤ V1 ≤ 5.2 V; all outputs open; Tj = -40 °C to 130 °C, unless
otherwise specified.
D4
Duty Cycle 4
THRec(min) = 0.389 * VS;
THDom(min) = 0.251 * VS;
VS =7.6…18 V; tbit =96µs;
D1 = tbus_rec(max)/(2 x tbit)
Rbus =1 kΩ, Cbus =1 nF;
Rbus =660 kΩ, Cbus =6.8 nF;
Rbus =500 kΩ, Cbus =10 nF
0.590
tdom(TXDL)
TXDL dominant time-out
12
ms
tLIN
LIN permanent recessive
time-out
40
µs
RDSon
ON resistance
10.5
16
Ω
Table 24.
LIN transceiver timing (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 25.
LIN Flash mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
SRf
LIN slew rate falling edge
From 20% to 80% of VLIN; VS =12V;
Rbus = 150 Ω; Cbus =1 nF
—13
—
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com