Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 28Page - STMicroelectronics L99PM60J Datasheet HTML 29Page - STMicroelectronics L99PM60J Datasheet HTML 30Page - STMicroelectronics L99PM60J Datasheet HTML 31Page - STMicroelectronics L99PM60J Datasheet HTML 32Page - STMicroelectronics L99PM60J Datasheet HTML 33Page - STMicroelectronics L99PM60J Datasheet HTML 34Page - STMicroelectronics L99PM60J Datasheet HTML 35Page - STMicroelectronics L99PM60J Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
Electrical specifications
L99PM60J
32/75
Doc ID 18309 Rev 6
6.4
Electrical characteristics
6.4.1
Supply and supply monitoring
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin.
6V < VS < 18V; 4.8 V < V1 < 5.2 V; all outputs open; Tj = -40 °C to 130 °C, unless
otherwise specified.
6.4.2
Oscillator
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; all outputs open; Tj = -40 °C to 130 °C, unless
otherwise specified.
Table 11.
Supply and supply monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSAbsmin
(1)
1.
For VS > VSabsmin the V1 and NRESET output are actively driven.
VS < VSabsmin the V1 output is connected to ground by passive pull down resistor of 1MΩ.
VS absolute minimum value
for controlling V1 and NReset
outputs
VS increasing / decreasing
—
2.5
—
V
VS
Supply voltage range
6
13.5
18
V
VSUV
VS UV-threshold voltage
VS increasing / decreasing
5.11
5.81
V
Vhyst_UV
Undervoltage hysteresis
0.04
0.1
0.15
V
VSOV
VS OV-threshold voltage
VS increasing / decreasing
18
22
V
Vhyst_OV
Overvoltage hysteresis
Hysteresis
0.5
1
1.5
V
IV(act)
Current consumption in
active mode
VS = 12 V; TxD LIN high;
V1 =5 V;
HS/LS drivers OFF;
VLIN >(VS -1.5 V)
612
mA
IV(BAT)
Current consumption in VBAT-
standby mode
VS =12V; V1 = OFF;
VLIN >(VS -1.5 V)
17
16
µA
IV(V1)
Current consumption in
V1-standby mode
VS =12 V; V1 =5 V;
HS/LS drivers OFF;
VLIN >(VS -1.5 V);
Iv1 <ICMP_Fail
10
48
70
µA
IV(V1)CS
Current consumption in
V1-standby during direct drive
VS =12 V; V1 =5 V;
LS drivers OFF;
VLIN >(VS -1.5 V);
Iv1 <ICMP_Fail
at ton =200 µs;
tperiod =50ms
50
55
60
µA
45
μA
t
on
t
period
------------------- 1750
μA
⋅
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com