Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 43 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 39Page - STMicroelectronics L99PM60J Datasheet HTML 40Page - STMicroelectronics L99PM60J Datasheet HTML 41Page - STMicroelectronics L99PM60J Datasheet HTML 42Page - STMicroelectronics L99PM60J Datasheet HTML 43Page - STMicroelectronics L99PM60J Datasheet HTML 44Page - STMicroelectronics L99PM60J Datasheet HTML 45Page - STMicroelectronics L99PM60J Datasheet HTML 46Page - STMicroelectronics L99PM60J Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
L99PM60J
Electrical specifications
Doc ID 18309 Rev 6
43/75
DO timing(c)
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin.
6V < VS < 18 V; 4.8 V < V1 < 5.2 V; all outputs open; Tj = -40°C to 130°C, unless
otherwise specified.
CSN timing(d)
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin.
6V < VS < 18 V; 4.8 V < V1 < 5.2 V; all outputs open; Tj = -40°C to 130°C, unless
otherwise specified.
RXDL/NINT timing
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin.
6V < VS < 18 V; 4.8 V < V1 < 5.2 V; all outputs open; Tj = -40°C to 130°C, unless
otherwise specified.
c.
See Figure 17: SPI – output timing
Table 31.
DO timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF; ILOAD = -1 mA
—
50
100
ns
tf DO
DO fall time
CL = 100 pF; ILOAD = 1 mA
—
50
100
ns
ten DO tri L
DO enable time from
3-state to low level
CL = 100 pF; ILOAD = 1 mA;
pull-up load to V1
—50
250
ns
tdis DO L tri
DO disable time from
low level to 3-state
CL = 100 pF; ILOAD = 4 mA;
pull-up load to V1
—50
250
ns
ten DO tri H
DO enable time from
3-state to high level
CL = 100 pF; ILOAD = -1 mA;
pull-down load to GND
—50
250
ns
tdis DO H tri
DO disable time from
high level to 3-state
CL = 100 pF; ILOAD = -4 mA;
pull-down load to GND
—50
250
ns
td DO
DO delay time
VDO <0.3 V1; VDO >0.7 V1;
CL = 100 pF
—50
250
ns
d.
See Figure 18: SPI transition parameters
Table 32.
CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCSN_HI(min)
Minimum CSN HI
time, active mode
Transfer of SPI-command to
Input register
6—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com