Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 6Page - STMicroelectronics L99PM60J Datasheet HTML 7Page - STMicroelectronics L99PM60J Datasheet HTML 8Page - STMicroelectronics L99PM60J Datasheet HTML 9Page - STMicroelectronics L99PM60J Datasheet HTML 10Page - STMicroelectronics L99PM60J Datasheet HTML 11Page - STMicroelectronics L99PM60J Datasheet HTML 12Page - STMicroelectronics L99PM60J Datasheet HTML 13Page - STMicroelectronics L99PM60J Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
Detailed description
L99PM60J
10/75
Doc ID 18309 Rev 6
2
Detailed description
2.1
Voltage regulator
The L99PM60J contains a fully protected low drop voltage regulator, which is designed for
very fast transient response. The output voltage is stable with loads capacitors > 220 nF
The V1 voltage regulator provides 5 V supply voltage and up to 100 mA continuous load
current and is mainly intended for supply of the system microcontroller. The V1 regulator is
embedded in the power management and failsafe functionality of the device and operates
according to the selected operating mode.
In addition the regulator V1 drives the L99PM60J internal 5 V loads. The voltage regulator is
protected against overload and overtemperature. An external reverse current protection has
to be provided by the application circuitry to prevent the input capacitor from being
discharged by negative transients or low input voltage. Current limitation of the regulator
ensures fast charge of external bypass capacitors. The output voltage is stable for ceramic
load capacitors > 220 nF.
If device temperature exceeds TSD1 threshold, all outputs (OUTx, RELx, LIN) are
deactivated except V1. Hence the micro controller has the possibility for interaction or error
logging. In case of exceeding TSD2 threshold (TSD2 > TSD1), also V1 is deactivated (see
state chart Figure 11). A timer is started and the voltage regulator is deactivated for tTSD.
During this time, all other walk-up sources (LIN) are disabled. After 1 sec., the voltage
regulator tries to restart automatically. If the restart fails 7 times without clearing and thermal
shutdown condition still exists, the L99PM60J enters the VBAT-standby mode.
In case of short to GND at “V1” after initial turn on (V1 < V1fail for t > tv1short) the L99PM60J
enters the VBAT-standby mode. Reactivation (wake-up) of the device can be achieved with
signals from LIN.
2.1.1
Voltage regulator failure
The V1, regulator output voltage is monitored.
In case of a drop below the V1 – fail thresholds (V1 < V1fail for t > tV1fail), the V1 -fail bit is
latched. The fail bits can be cleared by a dedicated SPI command.
Short to ground detection
At power-on, in case of short detection on V1, the regulator output switches off after tV1short
and the L99PM60J turns to forced VBAT-standby mode. The forced VBAT TSD2/SHTV1 and
V1fail lists are set.
During Normal mode, once the regulator exceeded the V1fail threshold, in case of short
detection on V1, the device turns to force VBAT-standby mode only after thermal shutdown
TSD2 detection. In this case the forced VBAT TSD2/SHTV1 bit is set.
V1 undervoltage warning
For the L99PM60J 2 different V1 reset thresholds can be selected. The higher threshold
VRT2 is set by default. If the lower threshold is selected the V1 undervoltage warning flag is
set, if the voltage on V1 output drops below the higher threshold. This Bit is latched and can
be read and optionally cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com