Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 17Page - STMicroelectronics L99PM60J Datasheet HTML 18Page - STMicroelectronics L99PM60J Datasheet HTML 19Page - STMicroelectronics L99PM60J Datasheet HTML 20Page - STMicroelectronics L99PM60J Datasheet HTML 21Page - STMicroelectronics L99PM60J Datasheet HTML 22Page - STMicroelectronics L99PM60J Datasheet HTML 23Page - STMicroelectronics L99PM60J Datasheet HTML 24Page - STMicroelectronics L99PM60J Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
L99PM60J
Detailed description
Doc ID 18309 Rev 6
21/75
Figure 10.
Recovery after forced VBAT due to short at V1 failure
2.7.3
Fail Safe Output (OUT1)
The device provides a high side output (OUT1) which can be used as Failsafe output. The
default configuration after power on for OUT1 is Failsafe output.
The Failsafe output is protected against
●
Overvoltage and undervoltage (undervoltage can be masked by SPI for OUT1).
See Control Register 2.
●
Overcurrent
In case of overcurrent condition, FSO switches off. The according status bit is latched and
can be read and optionally cleared by SPI. The drivers remain off until the status is cleared.
In case overvoltage or undervoltage condition, FSO is switched off. The according status bit
is latched and can be read and optionally cleared by SPI. The drivers remain off until the
status is cleared.
With the OUT UV shutdown enable bit (Control Register 2) the FSO can be excluded from a
switch off in case of Vs Undervoltage. If the bit is set to ‘1’ the driver switches off, otherwise
the drivers remain on.
In case of open-load condition, the according status register is latched. The status can be
read and optionally cleared by SPI. The FSO is not switch off.
Note:
The maximum voltage and current applied to the High Side Outputs is specified in chapter 4
‘Absolute Maximum Ratings’. Appropriate external protection may be required in order to
respect these limits under application conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com