Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM60J Datasheet(PDF) 73 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 67Page - STMicroelectronics L99PM60J Datasheet HTML 68Page - STMicroelectronics L99PM60J Datasheet HTML 69Page - STMicroelectronics L99PM60J Datasheet HTML 70Page - STMicroelectronics L99PM60J Datasheet HTML 71Page - STMicroelectronics L99PM60J Datasheet HTML 72Page - STMicroelectronics L99PM60J Datasheet HTML 73Page - STMicroelectronics L99PM60J Datasheet HTML 74Page - STMicroelectronics L99PM60J Datasheet HTML 75Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
L99PM60J
Package and Packaging Information
Doc ID 18309 Rev 6
73/75
9.3
PowerSSO-16 packing information
Figure 30.
PowerSSO-16 tube shipment (no suffix)
Figure 31.
PowerSSO-16 tape and reel shipment (no suffix)
A
B
C
AG00111V1
All dimensions are in mm.
Base Q.ty
100
Bulk Q.ty
2000
Tube length (± 0.5)
532
A1.85
B6.75
C (± 0.1)
0.6
REEL DIMENSION
Base Q.ty
2500
Bulk Q.ty
2500
A (max)
330
B (min)
1.5
C (± 0.2)
13
F
20.2
G (+ 2 / -0)
12.4
N (min)
60
T (max)
18.4
TAPE DIMENSIONS
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb. 1986
All dimensions are in mm.
Tape width
W
12
Tape Hole Spacing
P0 (± 0.1)
4
Component Spacing
P
8
Hole Diameter
D (± 0.05)
1.5
Hole Diameter
D1 (min)
1.5
Hole Position
F (± 0.1)
5.5
Compartment Depth
K (max)
4.5
Hole Spacing
P1 (± 0.1)
2
Top
cover
tape
End
Start
No components
No components
Components
500mm min
500mm min
Empty components pockets
saled with cover tape.
User direction of feed
AG00112V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com