Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 14Page - NXP Semiconductors MFRC522 Datasheet HTML 15Page - NXP Semiconductors MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors MFRC522 Datasheet HTML 20Page - NXP Semiconductors MFRC522 Datasheet HTML 21Page - NXP Semiconductors MFRC522 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
18 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.7
ErrorReg
Error bit register showing the error status of the last command executed.
[1]
Command execution will clear all error bits except for bit TempErr. A setting by software is impossible.
Table 19:
ErrorReg register (address 06h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
WrErr
TempErr
-
BufferOvfl
CollErr
CRCErr
ParityErr
ProtocolErr
Access
Rights
rr
RFU
r
r
r
r
r
Table 20:
Description of ErrorReg bits
Bit
Symbol
Description
7
WrErr
Set to logic 1, when data is written into the FIFO by the host during the
MFAuthent command or if data is written into the FIFO by the host
during the time between sending the last bit on the RF interface and
receiving the last bit on the RF interface.
6
TempErr[1]
Set to logic 1, if the internal temperature sensor detects overheating.
In this case, the antenna drivers are switched off automatically.
5
-
Reserved for future use.
4
BufferOvfl
Set to logic 1, if the host or a MFRC522’s internal state machine (e.g.
receiver) tries to write data into the FIFO buffer although the FIFO
buffer is already full.
3
CollErr
Set to logic 1, if a bit-collision is detected. It is cleared automatically at
receiver start-up phase. This bit is only valid during the bitwise
anticollision at 106 kbit/s. During communication schemes at 212,
424 and 848 kbit/s this bit is always set to logic 0.
2
CRCErr
Set to logic 1, if bit RxCRCEn in register RxModeReg is set and the
CRC calculation fails. It is cleared to logic 0 automatically at receiver
start-up phase.
1
ParityErr
Set to logic 1, if the parity check has failed. It is cleared automatically
at receiver start-up phase. Only valid for ISO/IEC 14443A/MIFARE®
communication at 106 kbit/s.
0
ProtocolErr
Set to logic 1, if one out of the following cases occur:
• Set to logic 1 if the SOF is incorrect. It is cleared automatically at
receiver start-up phase. The bit is only valid for 106 kbit/s.
• During the MFAuthent Command, bit ProtocolErr is set to logic 1,
if the number of bytes received in one data stream is incorrect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com