Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 12Page - NXP Semiconductors MFRC522 Datasheet HTML 13Page - NXP Semiconductors MFRC522 Datasheet HTML 14Page - NXP Semiconductors MFRC522 Datasheet HTML 15Page - NXP Semiconductors MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors MFRC522 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
16 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.4
DivIEnReg
Control bits to enable and disable the passing of interrupt requests.
9.2.1.5
CommIRqReg
Contains Interrupt Request bits.
Table 13:
DivIEnReg register (address 03h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
IRQPushPull
-
MfinActIEn
-
CRCIEn
-
Access
Rights
r/w
RFU
r/w
RFU
r/w
RFU
Table 14:
Description of DivIEnReg bits
Bit
Symbol
Description
7
IRQPushPull
Set to logic 1, the pin IRQ works as standard CMOS output pad.
Set to logic 0, the pin IRQ works as open drain output pad.
6 to 5
-
Reserved for future use.
4
MfinActIEn
Allows the MFIN active interrupt request to be propagated to pin IRQ.
3
-
Reserved for future use.
2
CRCIEn
Allows the CRC interrupt request (indicated by bit CRCIRq) to be
propagated to pin IRQ.
1 to 0
-
Reserved for future use.
Table 15:
CommIRqReg register (address 04h); reset value: 14h
Bit
7
6
5
4
3
2
1
0
Symbol
Set1
TxIRq
RxIRq
IdleIRq
HiAlertIRq
LoAlertIRq
ErrIRq
TimerIRq
Access
Rights
wdy
dy
dy
dy
dy
dy
dy
Table 16:
Description of CommIRqReg bits
All bits in the register CommIRqReg shall be cleared by software.
Bit
Symbol
Description
7
Set1
Set to logic 1, Set1 defines that the marked bits in the register CommIRqReg
are set.
Set to logic 0, Set1 defines, that the marked bits in the register CommIRqReg
are cleared.
6
TxIRq
Set to logic 1 immediately after the last bit of the transmitted data was sent out.
5
RxIRq
Set to logic 1 when the receiver detects the end of a valid data stream.
If the bit RxNoErr in register RxModeReg is set to logic 1, Bit RxIRq is only set
to logic 1 when data bytes are available in the FIFO.
4
IdleIRq
Set to logic 1, when a command terminates by itself e.g. when the
CommandReg changes its value from any command to the Idle Command.
If an unknown command is started, the CommandReg changes its content to
the idle state and the bit IdleIRq is set. Starting the Idle Command by the
μ-Controller does not set bit IdleIRq.
3
HiAlertIRq
Set to logic 1, when bit HiAlert in register Status1Reg is set. In opposition to
HiAlert, HiAlertIRq stores this event and can only be reset as indicated by bit
Set1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com