Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 4Page - NXP Semiconductors MFRC522 Datasheet HTML 5Page - NXP Semiconductors MFRC522 Datasheet HTML 6Page - NXP Semiconductors MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors MFRC522 Datasheet HTML 10Page - NXP Semiconductors MFRC522 Datasheet HTML 11Page - NXP Semiconductors MFRC522 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
8 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
[1]
Connection of heat sink pad on package buttom side is not necessary. Optional connection to DVSS is
possible.
[2]
The pin functionality for the interfaces is explained in Section 10 “DIGITAL Interfaces”.
TX1
11
O
Transmitter 1: delivers the modulated 13.56 MHz energy
carrier
TVDD
12
PWR
Transmitter Power Supply: supplies the output stage of TX1
and TX2
TX2
13
O
Transmitter 2: delivers the modulated 13.56 MHz energy
carrier
TVSS
10, 14
PWR
Transmitter Ground: supplies the output stage of TX1 and
TX2
AVDD
15
PWR
Analog Power Supply
VMID
16
PWR
Internal Reference Voltage: This pin delivers the internal
reference voltage.
RX
17
I
Receiver Input. Pin for the received RF signal.
AVSS
18
PWR
Analog Ground
AUX1
19
O
Auxiliary Outputs: These pins are used for testing.
AUX2
20
O
OSCIN
21
I
Crystal Oscillator Input: input to the inverting amplifier of the
oscillator. This pin is also the input for an externally generated
clock (fosc = 27.12 MHz).
OSCOUT
22
O
Crystal Oscillator Output: Output of the inverting amplifier of
the oscillator.
IRQ
23
O
Interrupt Request: output to signal an interrupt event
SDA
24
I
Serial Data Line[2]
D1
25
I/O
Data Pins for different interfaces (test port, I2IC, SPI,
UART)[2]
D2
26
I/O
D3
27
I/O
D4
28
I/O
D5
29
I/O
D6
30
I/O
D7
31
I/O
EA
32
I
External Address: This Pin is used for coding I2C Address[2]
Table 3:
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com