Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors MFRC522 Datasheet HTML 20Page - NXP Semiconductors MFRC522 Datasheet HTML 21Page - NXP Semiconductors MFRC522 Datasheet HTML 22Page - NXP Semiconductors MFRC522 Datasheet HTML 23Page - NXP Semiconductors MFRC522 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
20 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.9
Status2Reg
Contains status bits of the receiver, transmitter and data mode detector.
Table 23:
Status2Reg register (address 08h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
TempSens
Clear
I2CForceHS
-
MFCrypto1On
Modem State
Access
Rights
r/w
r/w
RFU
dy
r
Table 24:
Description of Status2Reg bits
Bit
Symbol
Description
7
TempSensClear
Set to logic 1, this bit clears the temperature error, if the temperature
is below the alarm limit of 125
°C.
6I2CForceHS
I2C input filter settings.
Set to logic 1, the I2C input filter is set to the High-speed mode
independent of the I2C protocol.
Set to logic 0, the I2C input filter is set to the used I2C protocol.
5 to 4
-
Reserved for future use.
3
MFCrypto1On
This bit indicates that the MIFARE® Crypto1 unit is switched on and
therefore all data communication with the card is encrypted.
This bit can only be set to logic 1 by a successful execution of the
MFAuthent Command. This bit is only valid in Reader/Writer mode
for MIFARE® Standard cards. This bit shall be cleared by software.
2 to 0
Modem State
ModemState shows the state of the transmitter and receiver state
machines.
Status Description
000
IDLE
001
Wait for bit StartSend in register BitFramingReg
010
TxWait: Wait until Rf field is present, if the bit TxWaitRF is set
to logic 1. The minimum time for TxWait is defined by the
TxWaitReg register.
011
Transmitting
100
RxWait: Wait until RF field is present, if the bit RxWaitRF is
set to logic 1. The minimum time for RxWait is defined by the
RxWaitReg register.
101
Wait for data
110
Receiving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com