Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 5Page - NXP Semiconductors MFRC522 Datasheet HTML 6Page - NXP Semiconductors MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors MFRC522 Datasheet HTML 10Page - NXP Semiconductors MFRC522 Datasheet HTML 11Page - NXP Semiconductors MFRC522 Datasheet HTML 12Page - NXP Semiconductors MFRC522 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
9 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
8.
Functional description
MFRC522 transmission module supports the Reader/Writer mode for
ISO/IEC 14443A/MIFARE® with different transfer speeds and modulation schemes.
The following diagram Figure 5 “ISO/IEC 14443A/MIFARE® Reader/Writer mode
communication diagram.” describes the communication on a physical level.
The communication overview in Table 4 “Communication overview for
ISO/IEC 14443A/MIFARE® reader/writer” describes the physical parameters.
Fig 4.
MFRC522 Reader/Writer mode.
Fig 5.
ISO/IEC 14443A/MIFARE® Reader/Writer mode communication diagram.
Table 4:
Communication overview for ISO/IEC 14443A/MIFARE® reader/writer
Communication
direction
ISO/IEC 14443A/ MIFARE®
transfer
speed
106 kbit/s
212 kbit/s
424 kbit/s
848 kbit/s
Reader
→ Card
(send data from the
MFRC522 to a
card)
Modulation
on reader
side
100% ASK
100% ASK
100% ASK
100% ASK
bit coding
Modified Miller
coding
Modified
Miller coding
Modified
Miller coding
Modified
Miller coding
Bitlength
(128/13.56)
μs (64/13.56) μs (32/13.56) μs (16/13.56) μs
ISO 14443A Card
RC522
Battery
µC
Reader/Writer
Contactless Card
ISO14443A
Reader
ISO14443A
Card
1. Reader to Card 100 % ASK ,
Miller Coded,
Transfer speed 106 to 848 kbit/s
2. Card to Reader, Subcarrier Loadmodulation
,
Manchester Coded or BPSK,
RC522
Transfer speed 106 to 848 kbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com