Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 39Page - NXP Semiconductors MFRC522 Datasheet HTML 40Page - NXP Semiconductors MFRC522 Datasheet HTML 41Page - NXP Semiconductors MFRC522 Datasheet HTML 42Page - NXP Semiconductors MFRC522 Datasheet HTML 43Page - NXP Semiconductors MFRC522 Datasheet HTML 44Page - NXP Semiconductors MFRC522 Datasheet HTML 45Page - NXP Semiconductors MFRC522 Datasheet HTML 46Page - NXP Semiconductors MFRC522 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
43 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.4.9
AnalogTestReg
Controls the pins AUX1 and AUX2
[1]
Remark: Current output. The use of 1 k
Ω pull-down resistor on AUX is recommended
Table 119: AnalogTestReg register (address 38h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
AnalogSelAux1
AnalogSelAux2
Access
Rights
r/w
r/w
Table 120: Description of AnalogTestReg bits
Bit
Symbol
Description
7 to 4
3to 0
AnalogSelAux1
AnalogSelAux2
Controls the AUX pin.
Remark: All test signals are described in Section 19 “Testsignals”.
Value
Description
0000
Tristate
0001
Output of TestDAC1 (AUX1), output of TestDAC2 (AUX2) [1]
0010
Testsignal Corr1 [1]
0011
Reserved
0100
Testsignal MinLevel [1]
0101
Testsignal ADC channel I [1]
0110
Testsignal ADC channel Q [1]
0111
Reserved
1000
Reserved, Testsignal for production test [1]
1001
Reserved
1010
HIGH
1011
LOW
1100
TxActive
At 106 kbit/s: HIGH during Startbit, Databit, Parity and CRC.
At 212, 424 and 848 kbit/s: High during Data and CRC.
1101
RxActive
At 106 kbit/s: High during Databit, Parity and CRC.
At 212, 424 and 848 kbit/s: High during Data and CRC.
1110
Subcarrier detected
106 kbit/s: not applicable
212, 424 and 848 kbit/s: High during last part of Data and
CRC.
1111
Test bus bit as defined by the TstBusBitSel in register
TestSel1Reg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com