Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 68Page - NXP Semiconductors MFRC522 Datasheet HTML 69Page - NXP Semiconductors MFRC522 Datasheet HTML 70Page - NXP Semiconductors MFRC522 Datasheet HTML 71Page - NXP Semiconductors MFRC522 Datasheet HTML 72Page - NXP Semiconductors MFRC522 Datasheet HTML 73Page - NXP Semiconductors MFRC522 Datasheet HTML 74Page - NXP Semiconductors MFRC522 Datasheet HTML 75Page - NXP Semiconductors MFRC522 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
72 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
18. MFRC522 Command Set
18.1 General Description
The behavior is determined by a state machine capable to perform a certain set of
commands. By writing the according command-code to register CommandReg the
command is executed.
Arguments and/or data necessary to process a command are exchanged via the FIFO
buffer.
18.2 General Behavior
• Each command, that needs a data stream (or data byte stream) as input will
immediately process the data it finds in the FIFO buffer. An exception to this rule is the
Transceive command. Using this command the transmission is started with the
StartSend bit in the BitFramingReg register.
• Each command that needs a certain number of arguments will start processing only
when it has received the correct number of arguments via the FIFO buffer.
• The FIFO buffer is not cleared automatically at command start. Therefore, it is also
possible to write the command arguments and/or the data bytes into the FIFO buffer
and start the command afterwards.
• Each command may be interrupted by the host by writing a new command code into
register CommandReg e.g.: the Idle-Command.
18.3 MFRC522 Commands Overview
Table 149: Command overview
Command
Command code
Action
Idle
0000
No action; cancels current command execution.
Mem
0001
Stores 25 byte into the internal buffer
Generate
RandomID
0010
Generates a 10 byte random ID number
CalcCRC
0011
Activates the CRC co-processor or performs a selftest.
Transmit
0100
Transmits data from the FIFO buffer.
NoCmd
Change
0111
No command change. This command can be used to modify
different bits in the command register without touching the
command. E.g. Power-down.
Receive
1000
Activates the receiver circuitry.
Transceive
1100
Transmits data from FIFO buffer to the antenna and activates
automatically the receiver after transmission.
-
1101
Reserved for further use
MFAuthent
1110
Performs the MIFARE® standard authentication as a reader
Soft Reset
1111
Resets the MFRC522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com