| Electronic Components Datasheet Search |
|
MFRC522 Datasheet(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC522 Datasheet(HTML) 52 Page - NXP Semiconductors |
|
52 / 109 page ![]() 112132 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.2 — 22 May 2007 52 of 109 NXP Semiconductors MFRC522 Contactless Reader IC 10.4 I2C Bus Interface An Inter IC (I2C) bus interface is supported to enable a low cost, low pin count serial bus interface to the host. The implemented I2C interface is implemented according the NXP Semiconductors I2C interface specification, rev. 2.1, January 2000. The implemented interface can only act in Slave mode. Therefore no clock generation and access arbitration is implemented in the MFRC522. 10.4.1 General The implemented interface is conform to the I2C-bus specification version 2.1, January 2000. The MFRC522 can act as a slave receiver or slave transmitter in Standard mode, Fast mode and High-speed mode. SDA is a bi-directional line, connected to a positive supply voltage via a current-source or a pull-up resistor. Both lines SDA and SCL are set to HIGH level if no data is transmitted. The MFRC522 has a tri-state output stage to perform the wired-AND function. Data on the I2C-bus can be transferred at data rates of up to 100 kbit/s in Standard mode, up to 400 kbit/s in the Fast mode or up to 3.4 Mbit/s in the High-speed mode. If the I2C interface is selected, a spike suppression according to the I2C interface specification on SCL and SDA is activated. For timing requirements refer to Section 23.9 “I2C Timing” Fig 11. I2C interface. pullup network pullup network SDA SCL I2C EA configuration wiring RC522 C D[1..6] μ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |