Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 84Page - NXP Semiconductors MFRC522 Datasheet HTML 85Page - NXP Semiconductors MFRC522 Datasheet HTML 86Page - NXP Semiconductors MFRC522 Datasheet HTML 87Page - NXP Semiconductors MFRC522 Datasheet HTML 88Page - NXP Semiconductors MFRC522 Datasheet HTML 89Page - NXP Semiconductors MFRC522 Datasheet HTML 90Page - NXP Semiconductors MFRC522 Datasheet HTML 91Page - NXP Semiconductors MFRC522 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
88 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
23.3 RX Input Voltage Range
Figure 29 outlines the voltage definitions.
23.4 RX Input Sensitivity
Figure 29 outlines the voltage definitions.
23.5 Clock Frequency
Table 169: RX Input Voltage Range
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRX,MinIV,Man Minimum Input voltage,
Manchester Coded
AVDD = 3 V
-
100
-
mVpp
VRX,MaxIV,Man Maximum Input voltage,
Manchester Coded
AVDD =3V
-
4
-
Vpp
Fig 29. RX Input Voltage Range
Vmid
0V
-1V
AVDD+1V
V
in,RX
Input Voltage Range
V
RX,IV,man
V
RXMod,man
13.56MHz
carrier
Manchester Coded Signals
Table 170: RX Input Sensitivity
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRXMod,Man Minimum
modulation voltage
AVDD = 3 V, RxGain = 7
-
5
-
mV
Table 171: Clock Frequency
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSCIN
Clock Frequency
-
27.12
-
MHz
dFEC
Duty Cycle of Clock
Frequency
40
50
60
%
tjitter
Jitter of Clock Edges
-
-
10
ps, RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com