| Electronic Components Datasheet Search |
|
MFRC522 Datasheet(PDF) 63 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC522 Datasheet(HTML) 63 Page - NXP Semiconductors |
|
63 / 109 page ![]() 112132 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.2 — 22 May 2007 63 of 109 NXP Semiconductors MFRC522 Contactless Reader IC 11.3 Serial Data Switch Two main blocks are implemented in the MFRC522. A digital circuitry, comprising state machines, coder and decoder logic and an analog circuitry with the modulator and antenna drivers, receiver and amplification circuitry. For example, the interface between these two blocks can be configured in the way, that the interfacing signals may be routed to the pins MFIN and MFOUT. This topology supports, that the analog part of the MFRC522 may be connected to the digital part of another device. The serial signal switch is controlled by the register TxSelReg and RxSelReg. The following figure shows the serial data switch for TX1 and TX2. 11.4 MFIN/MFOUT interface support The MFRC522 is basically divided into digital circuitry and analog circuitry. The digital circuitry contains state machines, coder and decoder logic and so on and the analog circuitry contains the modulator and antenna drivers, receiver and amplification circuitry. The interface between these two blocks can be configured in the way, that the interfacing signals may be routed to the pins MFIN and MFOUT (see Figure 21 “Overview MFIN/MFOUT Signal Routing”). The configuration is done by bits MFOutSel, DriverSel and UARTSel of registers TxSelReg and RxSelReg. This topology supports, that some parts of the analog part of the MFRC522 may be connected to the digital part of another device. The switch MFOutSel in register TxSelReg can be used to measure MIFARE® and ISO/IEC14443 related signals. This is especially important during the design In phase or for test purposes to check the transmitted and received data. However, the most important use of MFIN/MFOUT pins is the active antenna concept. An external active antenna circuit can be connected to the digital circuit of the MFRC522. MFOutSel has to be configured in that way that the signal of the internal Miller Coder is send to MFOUT pin (MFOutSel = 4). UARTSel has to be configured to receive Manchester signal with sub-carrier from MFIN pin (UARTSel = 1). It is possible, to connect a 'passive antenna' to pins TX1, TX2 and RX (via the appropriate filter and matching circuit) and at the same time an Active Antenna to the pins MFOUT and MFIN. In this configuration, two RF-parts may be driven (one after another) by one host processor. Fig 20. Serial data switch for TX1 and TX2. MFIN invert if PolMfin =0 internal Coder 00 01 10 11 To driver TX1 and TX2 0 = impedance = MOD 1 = inpedance = CW invert if InvMod=1 1 Tristate DriverSel Envelope |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |