Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 33Page - NXP Semiconductors MFRC522 Datasheet HTML 34Page - NXP Semiconductors MFRC522 Datasheet HTML 35Page - NXP Semiconductors MFRC522 Datasheet HTML 36Page - NXP Semiconductors MFRC522 Datasheet HTML 37Page - NXP Semiconductors MFRC522 Datasheet HTML 38Page - NXP Semiconductors MFRC522 Datasheet HTML 39Page - NXP Semiconductors MFRC522 Datasheet HTML 40Page - NXP Semiconductors MFRC522 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
37 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.3.10
TMode Register, TPrescaler Register
Defines settings for the timer.
Remark: The Prescaler value is split over two registers.
Table 91:
TModeReg register (address 2Ah); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
TAuto
TGated
TAutoRestart
TPrescaler_Hi
Access
Rights
r/w
r/w
r/w
r/w
Table 92:
Description of TModeReg bits
Bit
Symbol
Description
7
TAuto
Set to logic 1, the timer starts automatically at the end of the
transmission in all communication modes at all speeds. The timer stops
immediately after receiving the first data bit if the bit RxMultiple in the
register RxModeReg is not set.
If RxMultiple is set to logic 1, the timer never stops. In this case the
timer can be stopped by setting the bit TStopNow in register ControlReg
to logic 1.
Set to logic 0 indicates, that the timer is not influenced by the protocol.
6 to 5
TGated
The internal timer is running in gated mode.
Remark: In the gated mode, the bit TRunning is logic 1 when the timer
is enabled by the register bits. This bit does not influence the
gating signal.
Value
Description
00
Non gated mode
01
Gated by MFIN
10
Gated by AUX1
11
Gated by A3
4
TAutoRestart
Set to logic 1, the timer automatically restart its count-down from
TReloadValue, instead of counting down to zero.
Set to logic 0 the timer decrements to 0 and the bit TimerIRq is set to
logic 1.
3 to 0
TPrescaler_Hi Defines higher 4 bits for TPrescaler.
The following formula is used to calculate fTimer:
fTimer = 6.78 MHz/TPreScaler.
For detailed description see Section 13 “Timer Unit”.
Table 93:
TPrescalerReg register (address 2Bh); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
TPrescaler_Hi
Access
Rights
r/w
Table 94:
Description of TPrescalerReg bits
Bit
Symbol
Description
7 to 0
TPrescaler_Lo Defines lower 8 bits for TPrescaler.
The following formula is used to calculate fTimer:
fTimer = 6.78 MHz/TPreScaler.
For detailed description see Section 13 “Timer Unit”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com