Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128ZX Datasheet(PDF) 70 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 66Page - STMicroelectronics RIVA128ZX Datasheet HTML 67Page - STMicroelectronics RIVA128ZX Datasheet HTML 68Page - STMicroelectronics RIVA128ZX Datasheet HTML 69Page - STMicroelectronics RIVA128ZX Datasheet HTML 70Page - STMicroelectronics RIVA128ZX Datasheet HTML 71Page - STMicroelectronics RIVA128ZX Datasheet HTML 72Page - STMicroelectronics RIVA128ZX Datasheet HTML 73Page - STMicroelectronics RIVA128ZX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
70/85
Byte offsets 0x07 - 0x04
Device Status Register (0x07 - 0x06)
0x07
0x06
0x05
0x04
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543
210
Bits
Function
RW I
31
Reserved
R- 0
30
SERR_SIGNALLED is set whenever the RIVA128ZX asserts SERR#.
R W 0
29
RECEIVED_MASTER indicates that a master device’s transaction (except for
Special Cycle) was terminated with a master-abort. This bit is clearable (=1).
0=No abort
1=Master aborted
RW 0
28
RECEIVED_TARGET indicates that a master device’s transaction was termi-
nated with a target-abort. This bit is clearable (=1).
0=No abort
1=Master received target aborted
RW 0
27
Reserved
R- 0
26:25
The DEVSEL_TIMING bits indicate the timing of DEVSEL#. These bits indi-
cate the slowest time that the RIVA128ZX asserts DEVSEL# for any bus
command
except
Configuration
Read
and Configuration
Write. The
RIVA128ZX responds with medium DEVSEL# for VGA, memory and I/O
accesses. For accesses to the 16MByte memory ranges described by the
BARs, the chip responds with fast decode (no wait states).
00=fast
01=medium
R- 1
24:22
Reserved
R- 0
21
66MHZ indicates that the RIVA128ZX is capable of 66MHz operation. This bit
reflects the latched state of the 66MHz/33MHz strap option.
R- 1
20
CAP_LIST indicates that there is a linked list of registers containing informa-
tion about new capabilities not available within the original PCI configuration
structure. This bit indicates that the (byte) Capability Pointer Register located
at 0x34 points to the start of this linked list.
The value of CAP_LIST depends on the RIVA128ZX power-on reset configu-
ration Host Interface and ACPI Supported settings:
0 = Host Interface is PCI and ACPI not supported
1= Host interface is AGP or ACPI supported
R- X
19:16
Reserved
R- 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com