Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128ZX Datasheet(PDF) 15 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 11Page - STMicroelectronics RIVA128ZX Datasheet HTML 12Page - STMicroelectronics RIVA128ZX Datasheet HTML 13Page - STMicroelectronics RIVA128ZX Datasheet HTML 14Page - STMicroelectronics RIVA128ZX Datasheet HTML 15Page - STMicroelectronics RIVA128ZX Datasheet HTML 16Page - STMicroelectronics RIVA128ZX Datasheet HTML 17Page - STMicroelectronics RIVA128ZX Datasheet HTML 18Page - STMicroelectronics RIVA128ZX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
15/85
the AGP bridge chip and RIVA128ZX are the only
devices on the AGP bus - all other I/O devices re-
main on the PCI bus.
The add-in slot defined for AGP uses a new con-
nector body (for electrical signaling reasons)
which is not compatible with the PCI connector;
PCI and AGP boards are not mechanically inter-
changeable.
AGP accesses differ from PCI in that they are
pipelined. This compares with serialized PCI
transactions, where the address, wait and data
phases need to complete before the next transac-
tion starts. AGP transactions can only access sys-
tem memory - not other PCI devices or CPU. Bus
mastering accesses can be either PCI or AGP-
style.
Full details of AGP are given in the
Accelerated
Graphics Port Interface Specification [3] published
by Intel Corporation.
4.1
RIVA128ZX AGP INTERFACE
The RIVA128ZX glueless interface to AGP 1.0 is shown in Figure 2.
Figure 2.
AGP interface pin connections
4.2
AGP BUS TRANSACTIONS
AGP bus commands supported
The following AGP bus commands are supported
by the RIVA128ZX:
- Read
- Read (hi-priority)
PCI transactions on the AGP bus
PCI transactions can be interleaved with AGP
transactions including between pipelined AGP
data transfers. A basic PCI transaction on the AGP
interface is shown in Figure 3. If the PCI target is
a non AGP compliant master, it will not see
AGPST[2:0] and the transaction appears to be on
a PCI bus. For AGP aware bus masters,
AGPST[2:0] indicate that permission to use the in-
terface has been granted to initiate a request and
not to move AGP data.
PCICBE[3:0]#
PCIAD[31:0]
AGPPIPE#
32
4
PCIDEVSEL#
PCIIRDY#
PCITRDY#
PCISTOP#
PCIIDSEL
PCIREQ#
PCIGNT#
PCICLK
PCIRST#
PCIPAR
PCIINTA#
RIVA128ZX
AGPST[2:0]#
3
AGPRBF#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com