Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128ZX Datasheet(PDF) 36 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 36 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 32Page - STMicroelectronics RIVA128ZX Datasheet HTML 33Page - STMicroelectronics RIVA128ZX Datasheet HTML 34Page - STMicroelectronics RIVA128ZX Datasheet HTML 35Page - STMicroelectronics RIVA128ZX Datasheet HTML 36Page - STMicroelectronics RIVA128ZX Datasheet HTML 37Page - STMicroelectronics RIVA128ZX Datasheet HTML 38Page - STMicroelectronics RIVA128ZX Datasheet HTML 39Page - STMicroelectronics RIVA128ZX Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
36/85
Table 9.
Truth table of supported SGRAM commands
NOTES
1
FBCKE is high and DSF is low for all supported commands.
2
Activates or deactivates FBD[127:0] during writes (zero clock delay) and reads (two-clock delay).
3
For FBA9 low, FBA10 determines which bank is precharged; for FBA9 high, all banks are precharged irrespective of the
state of FBA10.
SDRAM/SGRAM Initialization
SDRAM/SGRAMs must be powered-up and initialized in a predefined manner. The first SDRAM/SGRAM
command is registered on the first clock edge following PCIRST# inactive.
All internal SDRAM/SGRAM banks are precharged to bring the device(s) into the “all bank idle” state. The
SDRAM/SGRAM mode registers are then programmed and loaded to bring them into a defined state be-
fore performing any operational command.
SDRAM/SGRAM Mode register
The Mode register defines the mode of operation of the SDRAM/SGRAM. This includes burst length, burst
type, read latency and SDRAM/SGRAM operating mode. The Mode register is programmed via the Load
Mode register and retains its state until reprogrammed or power-down.
Mode register bits M[2:0] specify the burst length; for the RIVA128ZX SDRAM/SGRAM interface these bits
are set to zero, selecting a burst length of one. In this case FBA[7:0] select the unique column to be ac-
cessed and Mode register bit M[3] is ignored. Mode register bits M[6:4] specify the read latency; for the
RIVA128ZX SDRAM/SGRAM interface these bits are set to either 2 or 3, selecting a burst length of 2 or
3 respectively.
Command1
FBCS0#,
FBCS1#
FBRAS# FBCAS# FBWE#
FBDQM
FBA[10:0]
FBD[127:0] Notes
Command inhibit (NOP)
H
x
x
x
x
x
x
No operation (NOP)
L
H
H
H
x
x
x
Active (select bank and
activate row)
LL
H
H
x
FBA[10]=bank
FBA[9:0]=row
x
Read (select bank and
column and start read
burst)
LH
L
H
x
FBA[10]=bank
FBA[9]=0
FBA[7:0]=col
x
Write (select bank and
column and start write
burst)
L
H
LLx
FBA[10]=bank
FBA[9]=0
FBA[7:0]=col
valid data
Precharge (deactivate
row in bank or banks)
LL
H
L
x
FBA[10]=code
x
3
Load mode register
L
LLLx
FBA[10:0] =
opcode
Write enable/output
enable
-
-
-
-
L
-
active
2
Write inhibit/output
High-Z
-
-
-
-
H
-
high-Z
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com