Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128ZX Datasheet(PDF) 61 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 61 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 57Page - STMicroelectronics RIVA128ZX Datasheet HTML 58Page - STMicroelectronics RIVA128ZX Datasheet HTML 59Page - STMicroelectronics RIVA128ZX Datasheet HTML 60Page - STMicroelectronics RIVA128ZX Datasheet HTML 61Page - STMicroelectronics RIVA128ZX Datasheet HTML 62Page - STMicroelectronics RIVA128ZX Datasheet HTML 63Page - STMicroelectronics RIVA128ZX Datasheet HTML 64Page - STMicroelectronics RIVA128ZX Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
61/85
11.6 TV OUTPUT SUPPORT
Reference clock options
The RIVA128ZX supports two synthesizer refer-
ence
clock
frequencies;
13.5MHz
and
14.31818MHz. The reference clock frequency is
determined by a crystal or reference clock con-
nected to the XTALIN and XTALOUT pins. Where
TV-out is supported, XTALOUT should be driven
by a 13.5MHz reference clock derived from an ex-
ternal NTSC/PAL clock source as illustrated in
Figure 67. The clock frequency should match the
power-on configuration setting described in Sec-
tion 10, page 55.
PAL/NTSC TV interface
The RIVA128ZX supports TV output through an
external Analog Devices AD722 PAL/NTSC RGB
encoder chip as shown in Figure 67. A MicroClock
MK2715 NTSC/PAL clock chip provides a com-
mon source for synchronization of the pixel and
subcarrier clocks. In TV output modes the
RIVA128ZX XTALOUT pin must be externally
driven from the MK2715 reference clock output,
with XTALIN tied to GND.
The MK2715 requires a number of external com-
ponents for proper operation. For crystal input a
parallel resonant 13.5000MHz crystal is recom-
mended, with a frequency tolerance of 50ppm or
better. Capacitors should be connected from X1
and X2 to GND as shown in Figure 67. Alternative-
ly a clock input (e.g. ClockCan) can be connected
to X1, leaving X2 disconnected. Further details are
given in the MK2715 datasheet [8].
Figure 67.
TV output implementation
75
Ω
75
Ω
75
Ω
RIVA128ZX
R
G
B
VIDHSYNC
AD722 TV
RGB Encoder
RIN
GIN
BIN
HSYNC
FIN
YOUT
COUT
CVOUT
220
µF
220
µF
220
µF
75
Ω
MK2715
NTSC/PAL
Clock Source
33
Ω
4XCLK
REFOUT
XTALOUT
XTALIN
33
Ω
330
Ω
220
Ω
5V
27pF
27pF
13.50000MHz
crystal
X1/ICLK
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com