Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128ZX Datasheet(PDF) 81 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 81 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 77Page - STMicroelectronics RIVA128ZX Datasheet HTML 78Page - STMicroelectronics RIVA128ZX Datasheet HTML 79Page - STMicroelectronics RIVA128ZX Datasheet HTML 80Page - STMicroelectronics RIVA128ZX Datasheet HTML 81Page - STMicroelectronics RIVA128ZX Datasheet HTML 82Page - STMicroelectronics RIVA128ZX Datasheet HTML 83Page - STMicroelectronics RIVA128ZX Datasheet HTML 84Page - STMicroelectronics RIVA128ZX Datasheet HTML 85Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 81 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
81/85
Byte offsets 0x4B - 0x48
AGP Status Register (0x4B - 0x48 = CAP_PTR+4)
0x4B
0x4A
0x49
0x48
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543
210
Bits
Function
RW I
31:24
The RQ field contains the maximum number of AGP command requests this
device can have outstanding.
RQ = 0x04
R - 0x04
23:10
Reserved
R- 0
9
SBA indicates whether the RIVA128ZX supports sideband addressing.
0 = Sideband addressing not supported
R- 0
8:2
Reserved
R- 0
1:0
RATE indicates the data transfer rate(s) supported by the RIVA128ZX.
11 = 66MHz 1x supported; 133MHz 2x supported
R - 0x11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com