Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128ZX Datasheet(PDF) 12 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 8Page - STMicroelectronics RIVA128ZX Datasheet HTML 9Page - STMicroelectronics RIVA128ZX Datasheet HTML 10Page - STMicroelectronics RIVA128ZX Datasheet HTML 11Page - STMicroelectronics RIVA128ZX Datasheet HTML 12Page - STMicroelectronics RIVA128ZX Datasheet HTML 13Page - STMicroelectronics RIVA128ZX Datasheet HTML 14Page - STMicroelectronics RIVA128ZX Datasheet HTML 15Page - STMicroelectronics RIVA128ZX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
12/85
• Support for scaled field interframing for reduced
motion artifacts and reduced storage
• Per-pixel color keying
• Multiple video windows with hardware color
space conversion and filtering
• Planar YUV12 (4:2:0) to/from packed (4:2:2)
conversion for software MPEG acceleration
and H.261 video conferencing applications
• Accelerated playback of industry standard co-
decs including MPEG-1/2, Indeo, Cinepak
3.6
VIDEO PORT
The RIVA128ZX Multimedia Accelerator provides
connectivity for video input devices such as Philips
SAA7111A, ITT 3225 and Samsung KS0127
through an ITU-R-656 video input bus to DVD and
MPEG2 decoders through bidirectional media port
functionality.
• Supported through VPE extensions to Direct-
Draw
• Supports filtered down-scaling and decimation
• Supports real time video capture via Bus Mas-
tering DMA
• Serial interface for decoder control
3.7
DIRECT RGB OUTPUT TO LOW COST
PAL/NTSC ENCODER
The RIVA128ZX has also been designed to inter-
face to a standard PAL or NTSC television via a
low cost TV encoder chip. In PAL or NTSC display
modes the interlaced output is internally flicker-fil-
tered and CCIR/EIA compliant timing reference
signals are generated.
3.8
SUPPORT FOR STANDARDS
• Multimedia support for MS-DOS, Windows
3.11, Windows 95, and Windows NT
• Acceleration for Windows 95 Direct APIs in-
cluding Direct3D, DirectDraw and DirectVideo
• VGA and SVGA: The RIVA128ZX has an in-
dustry standard 32-bit VGA core and BIOS sup-
port. In PCI configuration space the VGA can
be enabled and disabled independently of the
GUI.
• Glue-less Accelerated Graphics Port (AGP 1.0)
or PCI 2.1 bus interface
• ITU/CCIR-656 compatible video port
• VESA DDC2B+, DPMS, VBE 2.0 supported
3.9
RESOLUTIONS SUPPORTED
Resolution
BPP
2MByte
4MByte (128-bit)
8MByte (64-bit)
8MByte (128-bit)
640x480
4
120Hz
120Hz
120Hz
120Hz
8
120Hz
120Hz
120Hz
120Hz
16
120Hz
120Hz
120Hz
120Hz
32
120Hz
120Hz
120Hz
120Hz
800x600
8
120Hz
120Hz
120Hz
120Hz
16
120Hz
120Hz
120Hz
120Hz
32
120Hz
120Hz
120Hz
120Hz
1024x768
8
120Hz
120Hz
120Hz
120Hz
16
120Hz
120Hz
120Hz
120Hz
32
-
120Hz
120Hz
120Hz
1152x864
8
120Hz
120Hz
120Hz
120Hz
16
120Hz
120Hz
120Hz
120Hz
32
-
100Hz
100Hz
100Hz
1280x1024
8
100Hz
100Hz
100Hz
100Hz
16
-
100Hz
100Hz
100Hz
32
-
-
t.b.d.
75Hz
1600x1200
8
85Hz
85Hz
85Hz
85Hz
16
-
85Hz
85Hz
85Hz
32
-
-
-
60Hz
1920x1080
8
-
85Hz
85Hz
85Hz
16
-
-
85Hz
85Hz
1920x1200
8
-
75Hz
75Hz
75Hz
16
-
-
75Hz
75Hz
1800x1440
16
-
-
60Hz
60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com