Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIVA128ZX Datasheet(PDF) 31 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 27Page - STMicroelectronics RIVA128ZX Datasheet HTML 28Page - STMicroelectronics RIVA128ZX Datasheet HTML 29Page - STMicroelectronics RIVA128ZX Datasheet HTML 30Page - STMicroelectronics RIVA128ZX Datasheet HTML 31Page - STMicroelectronics RIVA128ZX Datasheet HTML 32Page - STMicroelectronics RIVA128ZX Datasheet HTML 33Page - STMicroelectronics RIVA128ZX Datasheet HTML 34Page - STMicroelectronics RIVA128ZX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
31/85
6.1
SDRAM INTERFACE
Two extra address lines are required to support 8MByte SDRAM compared with those needed for 4MByte
SGRAM on RIVA 128. These are the A10 signal which was defined on the RIVA 128 pinout for future ex-
pansion and the SDRAM’s internal bank select address bit (BA signal). To provide this extra signal the
RIVA128ZX FBCS[1]# pin is internally redefined to be the SDRAM BA/A11 signal.
Since the RIVA128ZX supports a maximum addressable memory of 8MBytes, SDRAM support is only al-
lowed with a 64-bit data bus. Figure 28 shows an example SDRAM memory configuration for RIVA128ZX.
Note this figure attempts to scramble the bytes and data bits within bytes to simplify board layout, but this
will depend on how the board components are placed in the layout.
Figure 28.
8MByte SDRAM configuration using 16Mbit devices
FBD[127:0]
FBD[7:0]
FBDQM[3]#
FBDQM[0]#
FBDQM[5]#
FBDQM[6]#
FBDQM[1]#
FBDQM[2]#
FBDQM[4]#
FBDQM[7]#
FBCS[0]#
FBCLK1
FBCS[0]#
FBCLK0
FBCS[0]#
FBCLK1
FBCS[0]#
FBCLK0
1M
×16
SDRAM
DQML
DQMH
CS
CLK
1M
×16
SDRAM
DQML
DQMH
CS
CLK
1M
×16
SDRAM
DQML
DQMH
CS
CLK
1M
×16
SDRAM
DQML
DQMH
CS
CLK
FBD[31:24]
FBD[23:16]
FBD[15:8]
FBD[55:48]
FBD[47:40]
FBD[56:63]
FBD[32:39]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com