Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 65Page - STMicroelectronics ST10F280 Datasheet HTML 66Page - STMicroelectronics ST10F280 Datasheet HTML 67Page - STMicroelectronics ST10F280 Datasheet HTML 68Page - STMicroelectronics ST10F280 Datasheet HTML 69Page - STMicroelectronics ST10F280 Datasheet HTML 70Page - STMicroelectronics ST10F280 Datasheet HTML 71Page - STMicroelectronics ST10F280 Datasheet HTML 72Page - STMicroelectronics ST10F280 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 186 page
background image
ST10F280
69/186
11.2.5 - XPOLAR Register (polarity of the XPWM channel)
XPOLAR (EC04h)
Reset Value: 0000h
Software Control of the XPWM Outputs
In an application the XPWM output signals are
generally controlled by the XPWM module. How-
ever, it may be necessary to influence the level of
the XPWM output pins via software either to ini-
tialize the system or to react on some extraordi-
nary
condition,
e.g.
a
system
fault
or
an
emergency.
Clearing the timer run bit PTRx stops the associ-
ated counter and leaves the respective output at
its current level.
The individual XPWM channel outputs are con-
trolled by comparators according to the formula:
– PWM output signal = [PTx]
≥ [PWx shadow
latch].
So whenever software changes registers XPTx,
the respective output will reflect the condition after
the change. Loading timer XPTx with a value
greater than or equal to the value in XPWx imme-
diately sets the respective output, a XPTx value
below the XPWx value clears the respective out-
put.
Note
To prevent further PWM pulses from
occurring
after
such
a
software
intervention the respective counter must
be stopped first.
15
14
13
12
11
10
9
8
7
6
5
4
3210
--
--
--
---
--
-
XPOLAR.3 XPOLAR.2 XPOLAR.1 XPOLAR.0
RW
RW
RW
RW
Bit
Function
XPOLAR.x
0
1
XPOLAR Channel x polarity Bit
Polarity of Channel x is normal
Polarity of Channel x is inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com