Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 88Page - STMicroelectronics ST10F280 Datasheet HTML 89Page - STMicroelectronics ST10F280 Datasheet HTML 90Page - STMicroelectronics ST10F280 Datasheet HTML 91Page - STMicroelectronics ST10F280 Datasheet HTML 92Page - STMicroelectronics ST10F280 Datasheet HTML 93Page - STMicroelectronics ST10F280 Datasheet HTML 94Page - STMicroelectronics ST10F280 Datasheet HTML 95Page - STMicroelectronics ST10F280 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 186 page
background image
ST10F280
92/186
12.7 - Port 5
This 16-bit input port can only read data. There is no output latch and no direction register. Data written to
P5 will be lost.
P5 (FFA2h / D1h)
SFR
Reset Value: XXXXh
Alternate Functions of Port 5
Each line of Port 5 is also connected to one of the multiplexer of the Analog/Digital Converter. All port lines
(P5.15...P5.0) can accept analog signals (AN15...AN0) that can be converted by the ADC. No special pro-
gramming is required for pins that shall be used as analog inputs. Some pins of Port 5 also serve as exter-
nal timer control lines for GPT1 and GPT2. The table below summarizes the alternate functions of Port 5.
15
14
13
12
11
10
9876543210
P5.15 P5.14 P5.13 P5.12 P5.11 P5.10
P5.9
P5.8
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
RRRRRRRRRRRRRRRR
Bit
Function
P5.y
Port data register P5 bit y (Read only)
Table 17 : Port 5 Alternate Functions
Port 5 Pin
Alternate Function a)
Alternate Function b)
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.8
P5.9
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
Analog Input AN0
Analog Input AN1
Analog Input AN2
Analog Input AN3
Analog Input AN4
Analog Input AN5
Analog Input AN6
Analog Input AN7
Analog Input AN8
Analog Input AN9
Analog Input AN10
Analog Input AN11
Analog Input AN12
Analog Input AN13
Analog Input AN14
Analog Input AN15
-
-
-
-
-
-
-
-
-
-
T6EUD
Timer 6 ext. Up/Down Input
T5EUD
Timer 5 ext. Up/Down Input
T6IN
Timer 6 Count Input
T5IN
Timer 5 Count Input
T4EUD
Timer 4 ext. Up/Down Input
T2EUD
Timer 2 ext. Up/Down Input
Figure 42 : Port 5 I/O and Alternate Functions
Port 5
Alternate Function
a)
General Purpose Inputs
b)
A/D Converter Inputs
Timer Inputs
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
P5.15
P5.14
P5.13
P5.12
P5.11
P5.10
P5.9
P5.8
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
AN15
AN14
AN13
AN12
AN11
AN10
AN9
AN8
T2EUD
T4EUD
T5IN
T6IN
T5EUD
T6EUD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com