Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 17Page - STMicroelectronics ST10F280 Datasheet HTML 18Page - STMicroelectronics ST10F280 Datasheet HTML 19Page - STMicroelectronics ST10F280 Datasheet HTML 20Page - STMicroelectronics ST10F280 Datasheet HTML 21Page - STMicroelectronics ST10F280 Datasheet HTML 22Page - STMicroelectronics ST10F280 Datasheet HTML 23Page - STMicroelectronics ST10F280 Datasheet HTML 24Page - STMicroelectronics ST10F280 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 186 page
background image
ST10F280
21/186
5 - INTERNAL FLASH MEMORY
5.1 - Overview
– 512K Byte on-chip Flash memory
– Two possibilities of Flash mapping into the CPU
address space
– Flash memory can be used for code and data
storage
– 32-bit, zero waitstate read access (50ns cycle
time at fCPU = 40MHz)
– Erase-Program Controller (EPC) similar to
M29F400B STM’s stand-alone Flash memory
• Word-by-Word Programmable (16
µs typical)
• Data polling and Toggle Protocol for EPC
Status
• Internal Power-On detection circuit
– Memory Erase in blocks
• One 16K Byte, two 8K Byte, one 32K Byte,
seven 64K Byte blocks
• Each
block
can
be
erased
separately
(1.5 second typical)
• Chip erase (8.5 second typical)
• Each block can be separately protected
against programming and erasing
• Each protected block can be temporary unpro-
tected
• When enabled, the read protection prevents
access to data in Flash memory using a pro-
gram running out of the Flash memory space.
Access to data of internal Flash can only be per-
formed with an inner protected program
– Erase Suspend and Resume Modes
• Read and Program another Block during erase
suspend
– Single Voltage operation , no need of dedicated
supply pin
– Low Power Consumption:
• 45mA max. Read current
• 60mA max. Program or Erase current
• Automatic Stand-by-mode (50
µA maximum)
– 100,000
Erase-Program
Cycles
per
block,
20 year data retention time
– Operating temperature: -40 to +125oC
5.2 - Operational Overview
Read Mode
In standard mode (the normal operating mode)
the Flash appears like an on-chip ROM with the
same timing and functionality. The Flash module
offers a fast access time, allowing zero waitstate
access with CPU frequency up to 40MHz.
Instruction fetches and data operand reads are
performed with all addressing modes of the
ST10F280 instruction set.
In order to optimize the programming time of the
internal Flash, blocks of 8K Bytes, 16K Bytes,
32K Bytes, 64K Bytes can be used. But the size of
the blocks does not apply to the whole memory
space, see details in Table 2.
Table 2 : 512K Byte Flash Memory Block Organisation
Block
Addresses (Segment 0)
Addresses (Segment 1)
Size (K Byte)
0
1
2
3
4
5
6
7
8
9
10
00’0000h to 00’3FFFh
00’4000h to 00’5FFFh
00’6000h to 00’7FFFh
01’8000h to 01’FFFFh
02’0000h to 02’FFFFh
03’0000h to 03’FFFFh
04’0000h to 04’FFFFh
05’0000h to 05’FFFFh
06’0000h to 06’FFFFh
07’0000h to 07’FFFFh
08’0000h to 08’FFFFh
01’0000h to 01’3FFFh
01’4000h to 01’5FFFh
01’6000h to 01’7FFFh
01’8000h to 01’FFFFh
02’0000h to 02’FFFFh
03’0000h to 03’FFFFh
04’0000h to 04’FFFFh
05’0000h to 05’FFFFh
06’0000h to 06’FFFFh
07’0000h to 07’FFFFh
08’0000h to 08’FFFFh
16
8
8
32
64
64
64
64
64
64
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com