Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 36Page - STMicroelectronics ST10F280 Datasheet HTML 37Page - STMicroelectronics ST10F280 Datasheet HTML 38Page - STMicroelectronics ST10F280 Datasheet HTML 39Page - STMicroelectronics ST10F280 Datasheet HTML 40Page - STMicroelectronics ST10F280 Datasheet HTML 41Page - STMicroelectronics ST10F280 Datasheet HTML 42Page - STMicroelectronics ST10F280 Datasheet HTML 43Page - STMicroelectronics ST10F280 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 186 page
background image
ST10F280
40/186
6.1.1 - Features
6.1.1.1 - Enhanced Addressing Capabilities
– New addressing modes including a double indi-
rect addressing mode with pointer post-modifi-
cation.
– Parallel Data Move : this mechanism allows one
operand move during Multiply-Accumulate in-
structions without penalty.
– New tranfer instructions CoSTORE (for fast ac-
cess to the MAC SFRs) and CoMOV (for fast
memory to memory table transfer).
6.1.1.2 - Multiply-Accumulate Unit
– One-cycle execution for all MAC operations.
– 16 x 16 signed/unsigned parallel multiplier.
– 40-bit signed arithmetic unit with automatic sat-
uration mode.
– 40-bit accumulator.
– 8-bit left/right shifter.
– Full instruction set with multiply and multiply-ac-
cumulate, 32-bit signed arithmetic and compare
instructions.
6.1.1.3 - Program Control
– Repeat Unit : allows some MAC co-processor in-
structions to be repeated up to 8192 times. Re-
peated instructions may be interrupted.
– MAC interrupt (Class B Trap) on MAC condition
flags.
Figure 10 : MAC Unit Architecture
Note: * Shared with standard ALU.
Operand 2
Operand 1
Control Unit
Repeat Unit
ST10 CPU
Interrupt
Controller
MSW
MRW
MAH
MAL
MCW
Flags MAE
Mux
8-bit Left/Right
Shifter
Mux
Mux
Sign Extend
16 x 16
Concatenation
signed/unsigned
Multiplier
40-bit Signed Arithmetic Unit
0h
0h
08000h
40
16
40
40
32
32
16
40
40
40
40
40
Scaler
AB
40
GPR Pointers *
IDX0 Pointer
IDX1 Pointer
QR0 GPR Offset Register
QR1 GPR Offset Register
QX0 IDX Offset Register
QX1 IDX Offset Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com