Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 6Page - STMicroelectronics ST10F280 Datasheet HTML 7Page - STMicroelectronics ST10F280 Datasheet HTML 8Page - STMicroelectronics ST10F280 Datasheet HTML 9Page - STMicroelectronics ST10F280 Datasheet HTML 10Page - STMicroelectronics ST10F280 Datasheet HTML 11Page - STMicroelectronics ST10F280 Datasheet HTML 12Page - STMicroelectronics ST10F280 Datasheet HTML 13Page - STMicroelectronics ST10F280 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 186 page
background image
ST10F280
10/186
P2.0 – P2.15
I/O
Port 2 is a 16-bit bidirectional I/O port. It is bit-wise programmable for input or
output via direction bits. For a pin configured as input, the output driver is put into
high-impedance state. Port 2 outputs can be configured as push/pull or open
drain drivers. The input threshold of Port 2 is selectable (TTL or special).
The following Port 2 pins also serve for alternate functions:
T7
I/O
P2.0
CC0IO
CAPCOM: CC0 Capture Input / Compare Output
P8
I/O
P2.1
CC1IO
CAPCOM: CC1 Capture Input / Compare Output
R8
I/O
P2.2
CC2IO
CAPCOM: CC2 Capture Input / Compare Output
T8
I/O
P2.3
CC3IO
CAPCOM: CC3 Capture Input / Compare Output
T9
I/O
P2.4
CC4IO
CAPCOM: CC4 Capture Input / Compare Output
P9
I/O
P2.5
CC5IO
CAPCOM: CC5 Capture Input / Compare Output
R9
I/O
P2.6
CC6IO
CAPCOM: CC6 Capture Input / Compare Output
U9
I/O
P2.7
CC7IO
CAPCOM: CC7 Capture Input / Compare Output
T10
I/O
I
P2.8
CC8IO
CAPCOM: CC8 Capture Input / Compare Output,
EX0IN
Fast External Interrupt 0 Input
R10
I/O
I
P2.9
CC9IO
CAPCOM: CC9 Capture Input / Compare Output,
EX1IN
Fast External Interrupt 1 Input
P10
I/O
I
P2.10
CC10IO
CAPCOM: CC10 Capture Input / Compare Output,
EX2IN
Fast External Interrupt 2 Input
T11
I/O
I
P2.11
CC11IO
CAPCOM: CC11 Capture Input / Compare Output,
EX3IN
Fast External Interrupt 3 Input
R11
I/O
I
P2.12
CC12IO
CAPCOM: CC12 Capture Input / Compare Output,
EX4IN
Fast External Interrupt 4 Input
U12
I/O
I
P2.13
CC13IO
CAPCOM: CC13 Capture Input / Compare Output,
EX5IN
Fast External Interrupt 5 Input
P11
I/O
I
P2.14
CC14IO
CAPCOM: CC14 Capture Input / Compare Output,
EX6IN
Fast External Interrupt 6 Input
T12
I/O
I
I
P2.15
CC15IO
CAPCOM: CC15 Capture Input / Compare Output,
EX7IN
Fast External Interrupt 7 Input
T7IN
CAPCOM2
Timer T7 Count Input
Table 1 : Ball Description (continued)
Symbol
Ball
Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com