Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 2Page - STMicroelectronics ST10F280 Datasheet HTML 3Page - STMicroelectronics ST10F280 Datasheet HTML 4Page - STMicroelectronics ST10F280 Datasheet HTML 5Page - STMicroelectronics ST10F280 Datasheet HTML 6Page - STMicroelectronics ST10F280 Datasheet HTML 7Page - STMicroelectronics ST10F280 Datasheet HTML 8Page - STMicroelectronics ST10F280 Datasheet HTML 9Page - STMicroelectronics ST10F280 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 186 page
background image
ST10F280
6/186
1 - INTRODUCTION
The ST10F280 is a new derivative of the
ST
Microelectronics ST10 family of 16-bit single-chip
CMOS microcontrollers. It combines high CPU
performance (up to 20 million instructions per
second) with high peripheral functionality and
enhanced I/O-capabilities. It also provides on-chip
high-speed
single
voltage
FLASH
memory,
on-chip high-speed RAM, and clock generation
via PLL.
ST10F280
is
processed
in
0.35
µm CMOS
technology. The MCU core and the logic is
supplied with a 5V to 3.3V on chip voltage
regulator. The part is supplied with a single 5V
supply and I/Os work at 5V.
The
device
is upward
compatible
with
the
ST10F269 device, with the following set of
differences:
– Two supply pins (DC1,DC2) on the PBGA-208
package are used for decoupling the internally
generated 3.3V core logic supply. Do not con-
nect these two pins to 5.0V external supply. In-
stead, these pins should be connected to a
decoupling
capacitor
(ceramic
type,
value
≥ 330nF).
– The A/D Converter characteristics stay identical
but 16 new input channel are added. A bit in a
new register (XADCMUX) control the multiplex-
age between the first block of 16 channel (on
Port5) and the second block (on XPort10). The
conversion result registers stay identical and the
software management can determine the block
in use. A new dedicated timer controls now the
ADC channel injection mode on the input CC31
(P7.7). The output of this timer is visible on a
dedicated pin (XADCINJ) to emulate this new
functionnality.
– A second XPWM peripheral (4 new channels) is
added. Four dedicated pins are reserved for the
outputs (XPWM[0:3])
– A new general purpose I/O port named XPORT9
(16 bits) is added. Due to the bit addressing
management, it will be different from other
standard general purpose I/O ports.
Figure 1 : Logic Symbol
XTAL1
RSTIN
XTAL2
RSTOUT
NMI
EA
READY
ALE
RD
WR/WRL
Port 5
16-bit
Port 6
8-bit
Port 4
8-bit
Port 3
15-bit
Port 2
16-bit
Port 1
16-bit
Port 0
16-bit
V
DD
VSS
Port 7
8-bit
Port 8
8-bit
VAREF
VAGND
XPort 9
16-bit
XPWM
4-bit
XADCINJ
XPort10
16-bit
DC1
DC2
Decoupling capacitor for internal regulator
ST10F280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com