Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 43Page - STMicroelectronics ST10F280 Datasheet HTML 44Page - STMicroelectronics ST10F280 Datasheet HTML 45Page - STMicroelectronics ST10F280 Datasheet HTML 46Page - STMicroelectronics ST10F280 Datasheet HTML 47Page - STMicroelectronics ST10F280 Datasheet HTML 48Page - STMicroelectronics ST10F280 Datasheet HTML 49Page - STMicroelectronics ST10F280 Datasheet HTML 50Page - STMicroelectronics ST10F280 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 186 page
background image
ST10F280
47/186
Figure 11 : Chip Select Delay
7.2 - READY Programmable Polarity
The active level of the READY pin can be selected by software via the RDYPOL bit in the BUSCONx reg-
isters. When the READY function is enabled for a specific address window, each bus cycle within this win-
dow must be terminated with the active level defined by this RDYPOL bit in the associted BUSCON
register.
BUSCON0 (FF0Ch / 86h)
SFR
Reset Value: 0xx0h
BUSCON1 (FF14h / 8Ah)
SFR
Reset Value: 0000h
BUSCON2 (FF16h / 8Bh)
SFR
Reset Value: 0000h
15
14
13
12
11
10
9876543210
CSW
EN0
CSRE
N0
RDY
POL0
RDY
EN0
-
BUS
ACT0
ALE
CTL0
-
BTYP
MTT
C0
RWD
C0
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
CSW
EN1
CSR
EN1
RDY
POL1
RDY
EN1
-
BUS
ACT1
ALE
CTL1
-
BTYP
MTT
C1
RWD
C1
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
CSW
EN2
CSR
EN2
RDY
POL2
RDY
EN2
-
BUS
ACT2
ALE
CTL2
-
BTYP
MTT
C2
RWD
C2
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Normal CSx
RD
Address (P1)
ALE
Segment (P4)
Normal Demultiplexed
Bus Cycle
ALE Lengthen Demultiplexed
Bus Cycle
Unlatched CSx
WR
Read/Write
Delay
Data
Data
Data
Data
BUS (P0)
BUS (P0)
Read/Write
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com