Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 71Page - STMicroelectronics ST10F280 Datasheet HTML 72Page - STMicroelectronics ST10F280 Datasheet HTML 73Page - STMicroelectronics ST10F280 Datasheet HTML 74Page - STMicroelectronics ST10F280 Datasheet HTML 75Page - STMicroelectronics ST10F280 Datasheet HTML 76Page - STMicroelectronics ST10F280 Datasheet HTML 77Page - STMicroelectronics ST10F280 Datasheet HTML 78Page - STMicroelectronics ST10F280 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 186 page
background image
ST10F280
75/186
Dedicated Pins Output Control
Programmable pad drivers also are supported for the dedicated pins ALE, RD and WR. For these pads, a
special POCON20 register is provided.
POCON20 (F0AAh / 5h)
ESFR
Reset Value: 0000h
12.1.4 - Alternate Port Functions
Each port line has one associated programmable
alternate input or output function. PORT0 and
PORT1 may be used as the address and data
lines when accessing external memory.
Port 4 outputs the additional segment address bits
A23/A19/A18/A16 in systems where more than
64 KBytes of memory are to be accessed directly.
Port 6 provides the optional chip select outputs
and the bus arbitration lines.
Port 2, Port 7 and Port 8 are associated with the
capture inputs or compare outputs of the CAPCOM
units and/or with the outputs of the PWM module.
Port 2 is also used for fast external interrupt inputs
and for timer 7 input.
Port 3 includes alternate input/output functions of
timers, serial interfaces, the optional bus control
signal BHE/WRH and the system clock output
(CLKOUT).
Port 5 is used for the analog input channels to the
A/D converter or timer control signals.
If an alternate output function of a pin is to be
used, the direction of this pin must be pro-
grammed for output (DPx.y=‘1’), except for some
signals that are used directly after reset and are
configured
automatically.
Otherwise
the
pin
remains in the high-impedance state and is not
effected by the alternate output function. The
respective port latch should hold a ‘1’, because its
output is ANDed with the alternate output data
(except for PWM output signals).
If an alternate input function of a pin is used, the
direction of the pin must be programmed for input
(DPx.y=‘0’) if an external device is driving the pin.
The input direction is the default after reset. If no
external device is connected to the pin, however,
one can also set the direction for this pin to output.
In this case, the pin reflects the state of the port
output latch. Thus, the alternate input function
reads the value stored in the port output latch.
This can be used for testing purposes to allow a
software trigger of an alternate input function by
writing to the port output latch.
15
14
13
12
11
10
9876543210
--------
PN1DC
PN1EC
PN0DC
PN0EC
RW
RW
RW
RW
Bit
Function
PN0EC
00
01
10
11
RD, WR Edge Characteristic (rise/fall time)
Fast edge mode, rise/fall times depend on the driver’s dimensioning.
Slow edge mode, rise/fall times ~60 ns
Reserved
Reserved
PN0DC
00
01
10
11
RD, WR Driver Characteristic (output current)
High Current mode:Driver always operates with maximum strength.
Dynamic Current mode:Driver strength is reduced after the target level has been reached.
Low Current mode:Driver always operates with reduced strength.
Reserved
PN1EC
00
01
10
11
ALE Edge Characteristic (rise/fall time)
Fast edge mode, rise/fall times depend on the driver’s dimensioning.
Slow edge mode, rise/fall times ~60 ns
Reserved
Reserved
PN1DC
00
01
10
11
ALE Driver Characteristic (output current)
High Current mode:Driver always operates with maximum strength.
Dynamic Current mode:Driver strength is reduced after the target level has been reached.
Low Current mode:Driver always operates with reduced strength.
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com