Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 4 Page - STMicroelectronics

  ST10F280 Datasheet HTML 1Page - STMicroelectronics ST10F280 Datasheet HTML 2Page - STMicroelectronics ST10F280 Datasheet HTML 3Page - STMicroelectronics ST10F280 Datasheet HTML 4Page - STMicroelectronics ST10F280 Datasheet HTML 5Page - STMicroelectronics ST10F280 Datasheet HTML 6Page - STMicroelectronics ST10F280 Datasheet HTML 7Page - STMicroelectronics ST10F280 Datasheet HTML 8Page - STMicroelectronics ST10F280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 186 page
background image
ST10F280
4/186
12.10 -
PORT 8 .......................................................................................................................
99
12.10.1 -
Alternate Functions of Port 8 ......................................................................................
99
12.11 -
XPORT 9 ....................................................................................................................
101
12.12 -
XPORT 10 ..................................................................................................................
103
12.12.1 -
Alternate Functions of XPort 10 ..................................................................................
103
12.12.2 -
New Disturb Protection on Analog Inputs ...................................................................
104
13 -
A/D CONVERTER ......................................................................................................
105
13.1 -
A/D CONVERTER MODULE ......................................................................................
105
13.2 -
MULTIPLEXAGE OF TWO BLOCKS OF 16 ANALOG INPUTS ................................
106
13.3 -
XTIMER PERIPHERAL (TRIGGER FOR ADC CHANNEL INJECTION) ...................
107
13.3.1 -
Main Features .............................................................................................................
107
13.3.2 -
Register Description ...................................................................................................108
13.3.2.1 -
TCR : Timer Control Register ......................................................................................
108
13.3.2.2 -
XTSVR :Timer Start Value Register ............................................................................
109
13.3.2.3 -
XTEVR : Timer End Value Register ............................................................................
109
13.3.2.4 -
XTCVR : Timer Current Value Register.......................................................................
109
13.3.2.5 -
Registers Mapping.......................................................................................................
109
13.3.3 -
Block Diagram ...........................................................................................................
110
13.3.3.1 -
Clocks ..........................................................................................................................
110
13.3.3.2 -
Registers .....................................................................................................................
110
13.3.3.3 -
Timer output (XADCINJ)..............................................................................................
111
14 -
SERIAL CHANNELS .................................................................................................
112
14.1 -
ASYNCHRONOUS / SYNCHRONOUS SERIAL INTERFACE (ASCO) ....................
112
14.1.1 -
ASCO in Asynchronous Mode ....................................................................................
112
14.1.2 -
ASCO in Synchronous Mode ......................................................................................
114
14.2 -
HIGH SPEED SYNCHRONOUS SERIAL CHANNEL (SSC) .....................................
116
15 -
CAN MODULES .........................................................................................................
118
15.1 -
MEMORY MAPPING ..................................................................................................
118
15.1.1 -
CAN1 .................................................................................................................. ........
118
15.1.2 -
CAN2 .................................................................................................................. ........
118
15.2 -
CAN BUS CONFIGURATIONS ..................................................................................
118
15.3 -
REGISTER AND MESSAGE OBJECT ORGANIZATION ..........................................
119
15.4 -
CAN INTERRUPT HANDLING
.................................................................................
121
15.5 -
THE MESSAGE OBJECT ..........................................................................................
124
15.6 -
ARBITRATION REGISTERS ......................................................................................
126
16 -
WATCHDOG TIMER ..................................................................................................
127
17 -
SYSTEM RESET ........................................................................................................
129
17.1 -
ASYNCHRONOUS RESET (LONG HARDWARE RESET) .......................................
129
17.2 -
SYNCHRONOUS RESET (WARM RESET) ..............................................................
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com