Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 7Page - STMicroelectronics ST10F280 Datasheet HTML 8Page - STMicroelectronics ST10F280 Datasheet HTML 9Page - STMicroelectronics ST10F280 Datasheet HTML 10Page - STMicroelectronics ST10F280 Datasheet HTML 11Page - STMicroelectronics ST10F280 Datasheet HTML 12Page - STMicroelectronics ST10F280 Datasheet HTML 13Page - STMicroelectronics ST10F280 Datasheet HTML 14Page - STMicroelectronics ST10F280 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 186 page
background image
ST10F280
11/186
P3.0 - P3.13,
P3.15
I/O
Port 3 is a 15-bit (P3.14 is missing) bidirectional I/O port. It is bit-wise program-
mable for input or output via direction bits. For a pin configured as input, the out-
put driver is put into high-impedance state. Port 3 outputs can be configured as
push/pull or open drain drivers. The input threshold of Port 3 is selectable (TTL
or special).
The following Port 3 pins also serve for alternate functions:
R12
I
P3.0
T0IN
CAPCOM Timer T0 Count Input
T13
O
P3.1
T6OUT
GPT2 Timer T6 Toggle Latch Output
P12
I
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
R13
O
P3.3
T3OUT
GPT1 Timer T3 Toggle Latch Output
T14
I
P3.4
T3EUD
GPT1 Timer T3 External Up / Down Control Input
P13
I
P3.5
T4IN
GPT1 Timer T4 Input for Count / Gate /
Reload / Capture
R14
I
P3.6
T3IN
GPT1 Timer T3 Count / Gate Input
P14
I
P3.7
T2IN
GPT1 Timer T2 Input for Count / Gate /
Reload / Capture
R15
I/O
P3.8
MRST
SSC Master-Receive / Slave-Transmit I/O
R16
I/O
P3.9
MTSR
SSC Master-Transmit / Slave-Receive O/I
N14
I/O
P3.10
TxD0
ASC0 Clock / Data Output (Asynchronous / Synchronous)
P15
O
P3.11
RxD0
ASC0 Data Input (Asynchronous) or I/O (Synchronous)
P16
O
P3.12
BHE
External Memory High Byte Enable Signal,
WRH
External Memory High Byte Write Strobe
M14
I/O
P3.13
SCLK
SSC Master Clock Output / Slave Clock Input
T17
O
P3.15
CLKOUT
System Clock Output (=CPU Clock)
P4.0 – P4.7
I/O
Port 4 is an 8-bit bidirectional I/O port. It is bit-wise programmable for input or
output via direction bits. For a pin configured as input, the output driver is put into
high-impedance state. The input threshold is selectable (TTL or special).
P4.6 & P4.7 outputs can be configured as push-pull or open-drain drivers.
In case of an external bus configuration, Port 4 can be used to output the seg-
ment address lines:
N16
O
P4.0
A16
Least Significant Segment Address Line
M15
O
P4.1
A17
Segment Address Line
L14
O
P4.2
A18
Segment Address Line
M16
O
P4.3
A19
Segment Address Line
L15
O
I
P4.4
A20
Segment Address Line
CAN2_RxD
CAN2 Receive Data Input
L16
O
I
P4.5
A21
Segment Address Line
CAN1_RxD
CAN1 Receive Data Input
K14
O
O
P4.6
A22
Segment Address Line, CAN_TxD
CAN1_TxD
CAN1 Transmit Data Output
K15
O
O
P4.7
A23
Most Significant Segment Address Line
CAN2_TxD
CAN2 Transmit Data Output
Table 1 : Ball Description (continued)
Symbol
Ball
Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com