Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 30Page - STMicroelectronics ST10F280 Datasheet HTML 31Page - STMicroelectronics ST10F280 Datasheet HTML 32Page - STMicroelectronics ST10F280 Datasheet HTML 33Page - STMicroelectronics ST10F280 Datasheet HTML 34Page - STMicroelectronics ST10F280 Datasheet HTML 35Page - STMicroelectronics ST10F280 Datasheet HTML 36Page - STMicroelectronics ST10F280 Datasheet HTML 37Page - STMicroelectronics ST10F280 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 186 page
background image
ST10F280
34/186
5.6 - Bootstrap Loader
The
built-in
bootstrap
loader
(BSL)
of
the
ST10F280 provides a mechanism to load the
startup program through the serial interface after
reset. In this case, no external memory or internal
Flash memory is required for the initialization
code starting at location 00’0000h (see Figure 5).
The bootstrap loader moves code/data into the
internal RAM, but can also transfer data via the
serial interface into an external RAM using a
second
level
loader
routine.
ROM
Memory
(internal or external) is not necessary, but it
may be
used
to
provide
lookup
tables
or
“core-code”
like
a
set
of
general
purpose
subroutines for I/O operations, number crunching,
system initialization, etc.
The bootstrap loader can be used to load the
complete
application
software
into
ROMless
systems,
to
load
temporary
software
into
complete systems for testing or calibration, or to
load a programming routine for Flash devices.
The BSL mechanism can be used for standard
system startup as well as for special occasions
like system maintenance (firmer update) or
end-of-line programming or testing.
5.6.1 - Entering the Bootstrap Loader
The ST10F280 enters BSL mode when pin P0L.4
is sampled low at the end of a hardware reset. In
this case the built-in bootstrap loader is activated
independent of the selected bus mode.
The bootstrap loader code is stored in a special
Boot-ROM. No part of the standard mask Memory
or Flash Memory area is required for this.
After entering BSL mode and the respective
initialization the ST10F280 scans the RxD0 line to
receive a zero Byte, one start Bit, eight ‘0’ data
Bits and one stop Bit.
From the duration of this zero Byte it calculates
the corresponding Baud rate factor with respect to
the current CPU clock, initializes the serial
interface ASC0 accordingly and switches pin
TXD0 to output.
Using this Baud rate, an identification Byte is
returned to the host that provides the loaded data.
This identification Byte identifies the device to be
booted.
Identification
byte
is
D5h
for
the
ST10F280.
Figure 5 : Bootstrap Loader Sequence
RSTIN
TXD0
Internal Boot Memory (BSL) routine
32 Byte user software
2)
3)
RxD0
CSP:IP
4)
6)
P0L.4
1) BSL initialization time
2) Zero Byte (1 start Bit, eight ‘0’ data Bits, 1 stop Bit), sent by host.
3) Identification Byte (D5h), sent by ST10F280.
4) 32 Bytes of code / data, sent by host.
5) Caution: TXD0 is only driven a certain time after reception of the zero Byte.
6) Internal Boot ROM.
1)
5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com