Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F280 Datasheet HTML 1Page - STMicroelectronics ST10F280 Datasheet HTML 2Page - STMicroelectronics ST10F280 Datasheet HTML 3Page - STMicroelectronics ST10F280 Datasheet HTML 4Page - STMicroelectronics ST10F280 Datasheet HTML 5Page - STMicroelectronics ST10F280 Datasheet HTML 6Page - STMicroelectronics ST10F280 Datasheet HTML 7Page - STMicroelectronics ST10F280 Datasheet HTML 8Page - STMicroelectronics ST10F280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 186 page
background image
1/186
ST10F280
March 2003
s HIGH PERFORMANCE CPU WITH DSP FUNCTIONS
- 16-BIT CPU WITH 4-STAGE PIPELINE.
- 50ns INSTRUCTION CYCLE TIME AT 40MHz CPU
CLOCK.
- MULTIPLY/ACCUMULATE UNIT (MAC) 16 X 16-BIT
MULTIPLICATION, 40-BIT ACCUMULATOR
- REPEAT UNIT.
- ENHANCED BOOLEAN BIT MANIPULATION FACILITIES.
- ADDITIONAL INSTRUCTIONS TO SUPPORT HLL
AND OPERATING SYSTEMS.
- SINGLE-CYCLE CONTEXT SWITCHING SUPPORT.
s MEMORY ORGANIZATION
- 512K BYTE ON-CHIP FLASH MEMORY SINGLE
VOLTAGE WITH ERASE/PROGRAM CONTROLLER.
- 100K ERASING/PROGRAMMING CYCLES.
- 20 YEAR DATA RETENTION TIME
- UP TO 16M BYTE LINEAR ADDRESS SPACE FOR
CODE AND DATA (5M BYTE WITH CAN).
- 2K BYTE ON-CHIP INTERNAL RAM (IRAM).
- 16K BYTE EXTENSION RAM (XRAM).
s FAST AND FLEXIBLE BUS
- PROGRAMMABLE EXTERNAL BUS CHARACTERIS-
TICS FOR DIFFERENT ADDRESS RANGES.
- 8-BIT OR 16-BIT EXTERNAL DATA BUS.
- MULTIPLEXED OR DEMULTIPLEXED EXTERNAL
ADDRESS/DATA BUSES.
- FIVE PROGRAMMABLE CHIP-SELECT SIGNALS.
- HOLD-ACKNOWLEDGE BUS ARBITRATION SUPPORT.
s INTERRUPT
- 8-CHANNEL PERIPHERAL EVENT CONTROLLER
FOR SINGLE CYCLE, INTERRUPT DRIVEN DATA
TRANSFER.
- 16-PRIORITY-LEVEL INTERRUPT SYSTEM WITH 56
SOURCES, SAMPLE-RATE DOWN TO 25ns.
s TWO MULTI-FUNCTIONAL GENERAL PURPOSE
TIMER UNITS WITH 5 TIMERS.
s TWO 16-CHANNEL CAPTURE/COMPARE UNITS
s A/D CONVERTER
- 2X16-CHANNEL 10-BIT.
- 4.85
µS CONVERSION TIME
- ONE TIMER FOR ADC CHANNEL INJECTION
s 8-CHANNEL PWM UNIT
s SERIAL CHANNELS
- SYNCHRONOUS/ASYNC SERIAL CHANNEL
- HIGH-SPEED SYNCHRONOUS CHANNEL.
s FAIL-SAFE PROTECTION
- PROGRAMMABLE WATCHDOG TIMER.
- OSCILLATOR WATCHDOG.
s TWO CAN 2.0b INTERFACES OPERATING ON ONE
OR TWO CAN BUSSES (30 OR 2X15 MESSAGE
OBJECTS)
s ON-CHIP BOOTSTRAP LOADER
s CLOCK GENERATION
- ON-CHIP PLL.
- DIRECT OR PRESCALED CLOCK INPUT.
s UP TO 143 GENERAL PURPOSE I/O LINES
- INDIVIDUALLY PROGRAMMABLE AS INPUT, OUT-
PUT OR SPECIAL FUNCTION.
- PROGRAMMABLE THRESHOLD (HYSTERESIS).
s IDLE AND POWER DOWN MODES
s MAXIMUM CPU FREQUENCY 40MHz
s PACKAGE PBGA 208 BALLS (23mm x 23mm x
1.96 mm - PITCH 1.27mm).
s SINGLE VOLTAGE SUPPLY: 5V ±10% (EMBEDDED
REGULATOR FOR 3.3 V CORE SUPPLY).
s TEMPERATURE RANGE: -40 +125°C
PBGA208 (23 x 23 x 1.96 - Pitch 1.27 mm)
(Plastic Bold Grid Array)
ORDER CODE: ST10F280-JT3
P4.7 CAN2_TxD
P4.6 CAN1_TxD
P4.5 CAN1_RxD
P4.4 CAN2_RxD
Port 6
Port 5
Port 3
BRG
CPU-Core and MAC Unit
Internal
RAM
Watchdog
Interrupt Controller
8
32
16
PEC
16
16
CAN1
Port 7
Port 8
BRG
16
Oscillator
16
16
512K Byte
and PLL
Flash Memory
XTAL1
XTAL2
2K Byte
15
8
8
8
16
3.3V
Voltage
Regulator
16K Byte
XRAM
CAN2
XPORT9
16
XPWM
4
XTIMER
P7.7 Trigger for ADC
16
XPORT10
16
16
channel injection
XADCINJ
External connexion
16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PRODUCT PREVIEW
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - ST10F280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
20-Aug-2012
More results

Similar Description - ST10F280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com