Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 42Page - STMicroelectronics ST10F280 Datasheet HTML 43Page - STMicroelectronics ST10F280 Datasheet HTML 44Page - STMicroelectronics ST10F280 Datasheet HTML 45Page - STMicroelectronics ST10F280 Datasheet HTML 46Page - STMicroelectronics ST10F280 Datasheet HTML 47Page - STMicroelectronics ST10F280 Datasheet HTML 48Page - STMicroelectronics ST10F280 Datasheet HTML 49Page - STMicroelectronics ST10F280 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 186 page
background image
ST10F280
46/186
7 - EXTERNAL BUS CONTROLLER
All of the external memory accesses are per-
formed by the on-chip external bus controller.
The EBC can be programmed to single chip mode
when no external memory is required, or to one of
four different external memory access modes:
– 16-/18-/20-/24-bit addresses 16-bit data, demul-
tiplexed
– 16-/18-/20-/24-bit addresses 16-bit data, multi-
plexed
– 16-/18-/20-/24-bit addresses 8-bit data, multi-
plexed
– 16-/18-/20-/24-bit addresses 8-bit data, demulti-
plexed
In demultiplexed bus modes addresses are output
on PORT1 and data is input/output on PORT0 or
P0L, respectively. In the multiplexed bus modes
both addresses and data use PORT0 for input/
output.
Timing characteristics of the external bus inter-
face (memory cycle time, memory tri-state time,
length of ale and read write delay) are program-
mable giving the choice of a wide range of memo-
ries and external peripherals.
Up to 4 independent address windows may be
defined (using register pairs ADDRSELx / BUS-
CONx) to access different resources and bus
characteristics.
These address windows are arranged hierarchi-
cally where BUSCON4 overrides BUSCON3 and
BUSCON2 overrides BUSCON1. All accesses to
locations not covered by these 4 address windows
are controlled by BUSCON0.
Up to 5 external CS signals (4 windows plus
default) can be generated in order to save exter-
nal glue logic. Access to very slow memories is
supported by a ‘Ready’ function.
A HOLD/HLDA protocol is available for bus arbi-
tration which shares external resources with other
bus masters. The bus arbitration is enabled by
setting bit HLDEN in register PSW. After setting
HLDEN once, pins P6.7...P6.5 (BREQ, HLDA,
HOLD) are automatically controlled by the EBC. In
master mode (default after reset) the HLDA pin is
an output.
By setting bit DP6.7 to’1’ the slave mode is
selected where pin HLDA is switched to input.
This directly connects the slave controller to
another master controller without glue logic.
For applications which require less external mem-
ory space, the address space can be restricted to
1 MByte, 256 KByte or to 64 KByte. Port 4 outputs
all 8 address lines if an address space of 16
MBytes is used, otherwise four, two or no address
lines.
Chip select timing can be made programmable.
By default (after reset), the CSx lines change half
a CPU clock cycle after the rising edge of ALE.
With the
CSCFG
bit set
in
the
SYSCON
register the CSx lines change with the rising edge
of ALE.
The active level of the READY pin can be set by bit
RDYPOL in the BUSCONx registers. When the
READY function is enabled for a specific address
window, each bus cycle within the window must
be terminated with the active level defined by bit
RDYPOL in the associated BUSCON register.
7.1 - Programmable Chip Select Timing Control
The ST10F280 allows the user to adjust the posi-
tion of the CSx lines changes. By default (after
reset), the CSx lines are changing half a CPU
clock cycle (12.5 ns at fCPU = 40MHz) after the ris-
ing edge of ALE.
With the CSCFG bit set in the SYSCON register,
the CSx lines are changing with the rising edge of
ALE, thus the CSx lines are changing at the same
time the address lines are changing. See Section
19.2
-
System
Configuration
Registers
for
detailled description of SYSCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com