Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 45Page - STMicroelectronics ST10F280 Datasheet HTML 46Page - STMicroelectronics ST10F280 Datasheet HTML 47Page - STMicroelectronics ST10F280 Datasheet HTML 48Page - STMicroelectronics ST10F280 Datasheet HTML 49Page - STMicroelectronics ST10F280 Datasheet HTML 50Page - STMicroelectronics ST10F280 Datasheet HTML 51Page - STMicroelectronics ST10F280 Datasheet HTML 52Page - STMicroelectronics ST10F280 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 186 page
background image
ST10F280
49/186
8 - INTERRUPT SYSTEM
The interrupt response time for internal program
execution is from 125ns to 300ns at 40MHz CPU
clock.
The ST10F280 architecture supports several
mechanisms for fast and flexible response to
service requests that can be generated from
various sources (internal or external) to the
microcontroller. Any of these interrupt requests
can be serviced by the Interrupt Controller or by
the Peripheral Event Controller (PEC).
In contrast to a standard interrupt service where
the current program execution is suspended and a
branch to the interrupt vector table is performed,
just one cycle is ‘stolen’ from the current CPU
activity to perform a PEC service. A PEC service
implies a single Byte or Word data transfer
between any two memory locations with an
additional increment of either the PEC source or
destination pointer. An individual PEC transfer
counter is implicitly decremented for each PEC
service except when performing in the continuous
transfer mode. When this counter reaches zero, a
standard
interrupt
is
performed
to
the
corresponding source related vector location.
PEC services are very well suited to perform the
transmission or the reception of blocks of data.
The ST10F280 has 8 PEC channels, each of
them offers such fast interrupt-driven data transfer
capabilities.
An interrupt control register which contains an
interrupt request flag, an interrupt enable flag and
an interrupt priority bitfield is dedicated to each
existing interrupt source. Thanks to its related
register, each source can be programmed to one
of sixteen interrupt priority levels. Once starting to
be processed by the CPU, an interrupt service
can only be interrupted by a higher prioritized
service
request.
For
the
standard
interrupt
processing, each of the possible interrupt sources
has a dedicated vector location.
Software interrupts are supported by means of the
‘TRAP’
instruction
in
combination
with
an
individual trap (interrupt) number.
8.1 - External Interrupts
Fast external interrupt inputs are provided to
service external interrupts with high precision
requirements. These fast interrupt inputs feature
programmable edge detection (rising edge, falling
edge or both edges).
Fast external interrupts may also have interrupt
sources selected from other peripherals; for
example the CANx controller receive signal
(CANx_RxD) can be used to interrupt the system.
This new function is controlled using the ‘External
Interrupt Source Selection’ register EXISEL.
EXISEL (F1DAh / EDh)
ESFR
Reset Value: 0000h
15
14
13
12
11
10
9876543210
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS
EXI2SS
EXI1SS
EXI0SS
RW
RW
RW
RW
RW
RW
RW
RW
EXIxSS
External Interrupt x Source Selection (x=7...0)
‘00’: Input from associated Port 2 pin.
‘01’: Input from “alternate source”.
‘10’: Input from Port 2 pin ORed with “alternate source”.
‘11’: Input from Port 2 pin ANDed with “alternate source”.
EXIxSS
Port 2 pin
Alternate Source
0
P2.8
CAN1_RxD
1
P2.9
CAN2_RxD
2...7
P2.10...15
Not used (zero)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com