Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 44Page - STMicroelectronics ST10F280 Datasheet HTML 45Page - STMicroelectronics ST10F280 Datasheet HTML 46Page - STMicroelectronics ST10F280 Datasheet HTML 47Page - STMicroelectronics ST10F280 Datasheet HTML 48Page - STMicroelectronics ST10F280 Datasheet HTML 49Page - STMicroelectronics ST10F280 Datasheet HTML 50Page - STMicroelectronics ST10F280 Datasheet HTML 51Page - STMicroelectronics ST10F280 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 186 page
background image
ST10F280
48/186
BUSCON3 (FF18h / 8Ch)
SFR
Reset Value: 0000h
BUSCON4 (FF1Ah / 8Dh)
SFR
Reset Value: 0000h
15
14
13
12
11
10
9876543210
CSW
EN3
CSR
EN3
RDY
POL3
RDY
EN3
-
BUS
ACT3
ALE
CTL3
-
BTYP
MTT
C3
RWD
C3
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
CSW
EN4
CSR
EN4
RDY
POL4
RDY
EN4
-
BUS
ACT4
ALE
CTL4
-
BTYP
MTT
C4
RWD
C4
MCTC
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
RDYPOLx
0
1
Ready Active Level Control
The active level on the READY pin is low, bus cycle terminates with a ‘0’ on READY pin,
The active level on the READY pin is high, bus cycle terminates with a ‘1’ on READY pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com