Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 14Page - STMicroelectronics ST10F280 Datasheet HTML 15Page - STMicroelectronics ST10F280 Datasheet HTML 16Page - STMicroelectronics ST10F280 Datasheet HTML 17Page - STMicroelectronics ST10F280 Datasheet HTML 18Page - STMicroelectronics ST10F280 Datasheet HTML 19Page - STMicroelectronics ST10F280 Datasheet HTML 20Page - STMicroelectronics ST10F280 Datasheet HTML 21Page - STMicroelectronics ST10F280 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 186 page
background image
ST10F280
18/186
4 - MEMORY ORGANIZATION
The memory space of the ST10F280 is configured
in a unified memory architecture. Code memory,
data memory, registers and I/O ports are orga-
nized within the same linear address space of
16M Bytes. The entire memory space can be
accessed bytewise or wordwise. Particular por-
tions of the on-chip memory have additionally
been made directly bit addressable.
FLASH: 512K Bytes of on-chip single voltage
FLASH memory.
IRAM:
2K Bytes
of
on-chip
internal
RAM
(dual-port) is provided as a storage for data, sys-
tem stack, general purpose register banks and
code. The register bank can consist of up to 16
wordwide (R0 to R15) and/or bytewide (RL0, RH0,
…, RL7, RH7) general purpose registers. Base
address is 00’F600h, upper address is 00’FDFFh.
XRAM: 16K Bytes of on-chip extension RAM (sin-
gle port XRAM) is provided as a storage for data,
user stack and code. The XRAM is a single bank,
connected to the internal XBUS and are accessed
like an external memory in 16-bit demultiplexed
bus-mode without waitstate or read/write delay
(50ns access at 40MHz CPU clock). Byte and
word access is allowed.
The XRAM address range is 00’8000h - 00’BFFFh
if enabled (XPEN set bit 2 of SYSCON register-,
and XRAMEN set bit 2 of XPERCON register-). If
bit XRAMEN or XPEN is cleared, then any access
in the address range 00’8000h 00’BFFFh will be
directed to external memory interface, using the
BUSCONx register corresponding to address
matching ADDRSELx register
As the XRAM appears like external memory, it
cannot be used for the ST10F280’s system stack
or register banks. The XRAM is not provided for
single bit storage and therefore is not bit address-
able.
SFR/ESFR: 1024 bytes (2 * 512 bytes) of address
space is reserved for the special function register
areas. SFRs are wordwide registers which are
used for controlling and monitoring functions of
the different on-chip units.
CAN1: Address range 00’EF00h 00’EFFFh is
reserved for the CAN1 Module access. The CAN1
is enabled by setting XPEN bit 2 of the SYSCON
register and bit 0 of the new XPERCON register.
Accesses to the CAN Module use demultiplexed
addresses and a 16-bit data bus (byte accesses
are possible). Two waitstates give an access time
of 100 ns at 40MHz CPU clock. No tristate wait-
state is used.
CAN2: Address range 00’EE00h 00’EEFFh is
reserved for the CAN2 Module access. The CAN2
is enabled by setting XPEN bit 2 of the SYSCON
register and bit 1 of the new XPERCON register.
Accesses to the CAN Module use demultiplexed
addresses and a 16-bit data bus (byte accesses
are possible). Two waitstates give an access time
of 100 ns at 40MHz CPU clock. No tristate wait-
state is used.
In order to meet the needs of designs where more
memory is required than is provided on chip, up to
16M Bytes of external RAM and/or ROM can be
connected to the microcontroller. If one or the two
CAN modules are used, Port 4 can not be pro-
grammed to output all 8 segment address lines.
Thus, only 4 segment address lines can be used,
reducing the external memory space to 5M Bytes
(1M Byte per CS line).
XPWM: Address range 00’EC00h 00’ECFFh is
reserved for the XPWM Module access. The
XPWM is enabled by setting XPEN bit 2 of the
SYSCON register and bit 4 of the new XPERCON
register. Accesses to the XPWM Module use
demultiplexed addresses and a 16-bit data bus
(byte accesses are possible). Two waitstates give
an access time of 100 ns at 40MHz CPU clock. No
tristate waitstate is used.
XPORT9, XTIMER, XPORT10, XADCMUX :
Address range 00’C000h 00’C3FFh is reserved
for
the
XPORT9,
XPORT10,
XTIMER
and
XADCMUX peripherals access. The XPORT9,
XTIMER, XPORT10, XADCMUX are enabled by
setting XPEN bit 2 of the SYSCON register and
the bit 3 of the new XPERCON register. Accesses
to
the
XPORT9,
XTIMER,
XPORT10
and
XADCMUX modules use a 16-bit demultiplexed
bus mode without waitstate or read/write delay
(50ns access at 40MHz CPU clock). Byte and
word access is allowed.
Visibility of XBUS Peripherals
The XBUS peripherals can be separately selected
for being visible to the user by means of corre-
sponding selection bits in the XPERCON register.
If not selected (not activated with XPERCON bit)
before the global enabling with XPEN-bit in
SYSCON register, the corresponding address
space, port pins and interrupts are not occupied
by the peripheral, thus the peripheral is not visible
and not available. SYSCON register is described
in Section 19.2 - System Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com