Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 100Page - Infineon Technologies AG C167CS Datasheet HTML 101Page - Infineon Technologies AG C167CS Datasheet HTML 102Page - Infineon Technologies AG C167CS Datasheet HTML 103Page - Infineon Technologies AG C167CS Datasheet HTML 104Page - Infineon Technologies AG C167CS Datasheet HTML 105Page - Infineon Technologies AG C167CS Datasheet HTML 106Page - Infineon Technologies AG C167CS Datasheet HTML 107Page - Infineon Technologies AG C167CS Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-21
V2.0, 2000-07
• When internal hold conditions between instruction pairs N – 2/N – 1 or N – 1/N occur,
or instruction N explicitly writes to the PSW or the SP, the minimum interrupt response
time may be extended by 1 state time for each of these conditions.
• When instruction N reads an operand from the internal code memory, or when N is a
call, return, trap, or MOV Rn, [Rm+ #data16] instruction, the minimum interrupt
response time may additionally be extended by 2 state times during internal code
memory program execution.
• In case instruction N reads the PSW and instruction N – 1 has an effect on the
condition flags, the interrupt response time may additionally be extended by 2 state
times.
The worst case interrupt response time during internal code memory program execution
adds to 12 state times (24 TCL).
Any reference to external locations increases the interrupt response time due to pipeline
related access priorities. The following conditions have to be considered:
• Instruction fetch from an external location
• Operand read from an external location
• Result write-back to an external location
Depending on where the instructions, source and destination operands are located,
there are a number of combinations. Note, however, that only access conflicts contribute
to the delay.
A few examples illustrate these delays:
• The worst case interrupt response time including external accesses will occur, when
instructions N, N + 1 and N + 2 are executed out of external memory, instructions N – 1
and N require external operand read accesses, instructions N – 3 through N write
back external operands, and the interrupt vector also points to an external location. In
this case the interrupt response time is the time to perform 9 word bus accesses,
because instruction I1 cannot be fetched via the external bus until all write, fetch and
read requests of preceding instructions in the pipeline are terminated.
• When the above example has the interrupt vector pointing into the internal code
memory, the interrupt response time is 7 word bus accesses plus 2 states, because
fetching of instruction I1 from internal code memory can start earlier.
• When instructions N, N + 1 and N + 2 are executed out of external memory and the
interrupt vector also points to an external location, but all operands for instructions N – 3
through N are in internal memory, then the interrupt response time is the time to
perform 3 word bus accesses.
• When the above example has the interrupt vector pointing into the internal code
memory, the interrupt response time is 1 word bus access plus 4 states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com