Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C167CS Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 102Page - Infineon Technologies AG C167CS Datasheet HTML 103Page - Infineon Technologies AG C167CS Datasheet HTML 104Page - Infineon Technologies AG C167CS Datasheet HTML 105Page - Infineon Technologies AG C167CS Datasheet HTML 106Page - Infineon Technologies AG C167CS Datasheet HTML 107Page - Infineon Technologies AG C167CS Datasheet HTML 108Page - Infineon Technologies AG C167CS Datasheet HTML 109Page - Infineon Technologies AG C167CS Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-23
V2.0, 2000-07
5.6
PEC Response Times
The PEC response time defines the time from an interrupt request flag of an enabled
interrupt source being set until the PEC data transfer being started. The basic PEC
response time for the C167CS is 2 instruction cycles.
Figure 5-5
Pipeline Diagram for PEC Response Time
In Figure 5-5 above the respective interrupt request flag is set in cycle 1 (fetching of
instruction N). The indicated source wins the prioritization round (during cycle 2). In
cycle 3 a PEC transfer “instruction” is injected into the decode stage of the pipeline,
suspending instruction N + 1 and clearing the source’s interrupt request flag to ‘0’.
Cycle 4 completes the injected PEC transfer and resumes the execution of instruction
N+ 1.
All instructions that entered the pipeline after setting of the interrupt request flag (N + 1,
N + 2) will be executed after the PEC data transfer.
Note: When instruction N reads any of the PEC control registers PECC7 … PECC0,
while a PEC request wins the current round of prioritization, this round is repeated
and the PEC data transfer is started one cycle later.
The minimum PEC response time is 3 states (6 TCL). This requires program execution
from the internal code memory, no external operand read requests and setting the
interrupt request flag during the last state of an instruction cycle. When the interrupt
request flag is set during the first state of an instruction cycle, the minimum PEC
response time under these conditions is 4 state times (8 TCL).
The PEC response time is increased by all delays of the instructions in the pipeline that
are executed before starting the data transfer (including N).
MCT04333
Pipeline Stage
FETCH
DECODE
EXECUTE
WRITEBACK
Cycle 1
N
N - 1
N - 2
N - 3
Cycle 2
N + 1
N
N - 1
N - 2
Cycle 3
N + 2
PEC
N
N - 1
Cycle 4
N + 2
N + 1
PEC
N
0
1
IR-Flag
PEC Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com